Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 57Page - STMicroelectronics STM8T143 Datasheet HTML 58Page - STMicroelectronics STM8T143 Datasheet HTML 59Page - STMicroelectronics STM8T143 Datasheet HTML 60Page - STMicroelectronics STM8T143 Datasheet HTML 61Page - STMicroelectronics STM8T143 Datasheet HTML 62Page - STMicroelectronics STM8T143 Datasheet HTML 63Page - STMicroelectronics STM8T143 Datasheet HTML 64Page - STMicroelectronics STM8T143 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
DocID18315 Rev 6
61/65
STM8T143
Revision history
64
31-Aug-2011
2
cont’d
Table 16: General capacitive sensing characteristics: updated
fTRANSFER, response time, and device startup time parameters;
added min and max values for tSAMPLING,and AET target value
parameter; added footnotes 1. and 5.; updated footnote 4.
Table 17: Internal CS value: added ICS bit values.
Table 18: Implemented EPCC values (pF): added EPCC6 and
capacitance bit 6 values.
Table 21: EMS data: removed VFESD parameter and added
level/class for VEFTB parameter.
Table 22: EMI data: added values for RCOSC = 1 MHz.
Table 23: ESD absolute maximum ratings: updated class, max value
and unit.
Table 24: Electrical sensitivities: added class value.
Table 26: UFDFPN8-lead ultra thin fine pitch dual flat - package
mechanical data: added footnote 2.
Updated programming service option list.
15-Nov-2011
3
Added SO8 package and updated all information relating to this
package throughout document.
Figure 3: UFDFPN8 pinout: updated pins 1 and 8.
Table 1: STM8T143 pin descriptions: updated layout and content.
Figure 5: STM8T143 measuring circuitry: changed “STM8T143” to
“Device”.
Section 4.4: Electrode parasitic capacitance compensation (EPCC):
removed text concerning EPCC hardware and fixed compensation
capacitance.
Section 5: STM8T143 processing: updated title; updated second
bullet point to “signal and reference calibration”.
Section 5.1: Automatic electrode tuning (AET): text updated to
improve technical clarity and readability, values replaced; updated
and improved appearance of Figure 7: Automatic electrode tuning
(AET).
Section 5.2: Signal calculation and reference calibration: removed
bullet points regarding AET; small text changes.
Section 5.3: Detection and release thresholds: small text changes,
corrections and clarifications; updated title, improved appearance,
and removed ‘tDYCAL’ from Figure 8: Signal reference and detection
threshold (not detailed).
Section 5.4: Dynamic calibration (DYCAL): small text changes and
corrections; updated titles and content of Figure 9: DYCAL general
operation and Figure 10: DYCAL operation with water residue;
improved appearance of all figures in this section.
Section 5.5.2: ECS halt: updated appearance of Figure 13: ECS halt
and removed note 2 underneath it.
Section 5.5.3: Reference freeze and reference freeze timeout:
moved section to current location; updated title and improved
appearance of Figure 14: Unwanted detection managed by the
reference freeze timeout.
Table 31. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com