Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 57Page - STMicroelectronics STM8T143 Datasheet HTML 58Page - STMicroelectronics STM8T143 Datasheet HTML 59Page - STMicroelectronics STM8T143 Datasheet HTML 60Page - STMicroelectronics STM8T143 Datasheet HTML 61Page - STMicroelectronics STM8T143 Datasheet HTML 62Page - STMicroelectronics STM8T143 Datasheet HTML 63Page - STMicroelectronics STM8T143 Datasheet HTML 64Page - STMicroelectronics STM8T143 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
Revision history
STM8T143
62/65
DocID18315 Rev 6
15-Nov-2011
3
cont’d
Section 5.5.4: ECS filter constant adjustment: updated title and
added reference to Figure 15: ECS filter K constant management.
Section 5.6: Debounce filter: removed last sentence of this section
which concerned the HALT function.
Section 5.7: Host control input and Section 5.7.1: CTRL pin
management: removed.
Section 6: Device operation: updated bullet points concerning
Control, Dual output, and Data streaming modes.
Table 2: Option bytes: updated abbreviations for touch and proximity
detection thresholds.
Table 3: Option byte description: small corrections to bit 5 (OPT2), bit
0 (OPT 1) and bit 0 (OPT 0); added gain target values (instead of A,
B, C etc.) for bits [3:1] of OPT 2.
Section 6.2.1: Dual output mode: renamed section; added Table 4:
Pin 1 configuration and Table 5: Pin 8 configuration.
Section 6.2.2: Control mode: small text changes and corrections;
added final explanatory sentence to Reference freeze control mode.
Section 6.2.3: Data streaming mode: small text changes and
corrections; updated bits 34, 47, 46, and 45 of Table 6: Data
streaming frame.
Section 6.4: Power modes: moved to the end of Section 6.
Section 7: Typical application diagram: moved after Section 6:
Device operation.
Figure 17: Typical application schematic for Control mode: renamed
figured and updated content and footnotes.
Figure 18: Typical application schematic for Dual output mode:
renamed figured and updated content and footnotes.
Figure 19: Typical application schematic for Data streaming mode:
renamed figured and updated content and footnotes.
Table 7: Voltage characteristics: updated max value of supply
voltage parameter and added footnote 1.
Table 11: Average current consumption: updated with new typ and
max values; updated first condition; replaced “Conversion” with
“Control”; updated footnote 2.
Table 12: OUT/TOUT/DATA streaming pin characteristics: removed
footnote 1. from “Typ” column.
Table 13: POUT/TOUT pin characteristics: added “TOUT” to table
title; removed footnote 1. from “Typ” column.
Table 15: Regulator and reference voltage: updated first condition.
Section 9.5: Capacitive sensing characteristics: removed “Test
conditions: TA = 25 °C”; placed note at the end of this table at the
beginning.
Table 16: General capacitive sensing characteristics: added typ
value for parameter “CTRL pin pulse duration for recalibration”;
added typ values for parameters “Low power modes 1, 2, and 3” and
removed footnote associated with them; replaced “release” with
“touch” in the parameter “ECS filter freeze threshold in touch state”;
small corrections to footnotes 3. and 4.
Table 17: Internal CS value: added typ value to “CS capacitance
value (nF) parameter; added footnote 1.
Table 31. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com