Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 39Page - STMicroelectronics STM8T143 Datasheet HTML 40Page - STMicroelectronics STM8T143 Datasheet HTML 41Page - STMicroelectronics STM8T143 Datasheet HTML 42Page - STMicroelectronics STM8T143 Datasheet HTML 43Page - STMicroelectronics STM8T143 Datasheet HTML 44Page - STMicroelectronics STM8T143 Datasheet HTML 45Page - STMicroelectronics STM8T143 Datasheet HTML 46Page - STMicroelectronics STM8T143 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
DocID18315 Rev 6
43/65
STM8T143
Electrical characteristics
64
tRECAL
Time after recalibration before optimal device
sensitivity (see Section 6: Device operation).
Note: this value depends on the signal variation
including noise level
-354
-
tSAMPLING
tSU
Device startup time(5)
-51
-
DDC
Detection debounce count (touch)
-
2
-
Detection debounce count (proximity)
-
6
-
EDDC
End of detection debounce count (touch)
-
2
-
End of detection debounce count (proximity)
-
3
-
VCXL
Low state voltage value on CX during burst
-
0.6
-
V
Vtrip
Acquisition reference voltage
-
0.8
-
1. Min and max values for fTRANSFER are given for a 3 V to 5.5 V operating range.
2. If Data streaming mode is activated, tSAMPLING is increased by the data frame period. Please refer to Section 9.6:
Streaming mode characteristics.
3. tAET depends on the CX capacitance value. This typical value is given for an electrode of 18 pF
4. Response time for detection depends on the event occurrence time during the acquisition period, the threshold settings,
and the signal strength.
5. The device startup time is the time after power-up before any possible actuation.
Table 16. General capacitive sensing characteristics (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Table 17. Internal CS value
Internal sampling capacitor selection bits (ICS)
CS capacitance value (nF)
ICS2(1)
1. This bit is also used for EPCC selection. Please refer to Table 18: Implemented EPCC values (pF).
ICS1
ICS0
Typ
000
1.5
001
2
010
3
011
5
100
4.5
101
6
110
11
111
17.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com