Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 53 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 53 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 221 page
background image
Continued on the following page.
8
Q/
Dissipation Factor
(D.F.)
30pF and over: Q
U1000
30pF and below:
Q
U400+20C
C: Nominal Capacitance (pF)
[R6, R7, C8]
W.V.: 100V
: 0.025 max. (C
F0.068µF)
: 0.05 max. (C
U0.068µF)
W.V.: 50/35/25V:
: 0.025 max.*
*GRM32D R7/R6/C8 1E106: 0.035 max.
W.V.: 16/10V: 0.035 max.
W.V.: 6.3/4V
: 0.05 max. (C
F3.3µF)
: 0.1 max. (C
U3.3µF)
[E4]
W.V.: 25Vmin: 0.025 max.
[F1, F5]
W.V.: 25V min.
: 0.05 max. (C
F0.1µF)
: 0.09 max. (C
U0.1µF)
W.V.: 16/10V: 0.125 max.
W.V.: 6.3V: 0.15 max.
The capacitance/Q/D.F. should be measured at 20/25
°C at the
frequency and voltage shown in the table.
7
Capacitance
Within the specified tolerance
The insulation resistance should be measured with a DC
voltage not exceeding the rated voltage at 20/25
°C and 75%RH
max. and within 2 minutes of charging, provided the charge/
discharge current is less than 50mA.
6
Insulation
Resistance
C
V0.047µF: More than 10,000MΩ
C
G0.047µF: More than 500Ω · F
C: Nominal Capacitance
No failure should be observed when 300%* of the rated voltage
(temperature compensating type) or 250% of the rated voltage
(high dielectric constant type) is applied between the
terminations for 1 to 5 seconds, provided the charge/discharge
current is less than 50mA.
*200% for 500V
5
Dielectric Strength
No defects or abnormalities
Using calipers (GRM02 size is based on Microscope)
4
Dimensions
Within the specified dimensions
Visual inspection
3
Appearance
No defects or abnormalities
The rated voltage is defined as the maximum voltage that may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
2
Rated Voltage
See the previous pages.
Reference temperature: 25
°C
(2
∆, 3∆, 4∆, B1, B3, F1, R1: 20°C)
1
Operating
Temperature
Range
–55 to +125
°C
(2P/R/S/T, 3P/R/S/T/U,
4P/R/S/T/U: –25 to +85
°C)
B1, B3, F1: –25 to +85
°C
R1, R7: –55 to +125
°C
R6: –55 to +85
°C
C8: –55 to +105
°C
E4: +10 to +85
°C
F5: –30 to +85
°C
No.
Test Method
Specifications
Temperature
Compensating Type
High Dielectric Type
Item
∆C
to 7U, 1X
(1000pF and
below)
Char.
Item
1
±0.1MHz
0.5 to 5Vrms
∆C to 7U, 1X
(more than
1000pF)
R6,R7,C8,
F5,B1,B3,F1
1
±0.1kHz
1
±0.2Vrms
R6, R7, F5
(C>10
µF)
120
±24Hz
0.5
±
0.1Vrms
E4
1
±0.1kHz
0.5
±
0.05Vrms
Frequency
Voltage
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
51
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(Note 1) These Specifications and Test Methods indicate typical inspection.
Please refer to individual specifications (our product specifications or the approval sheet).
When no "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com