Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 221 page
background image
22
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
16(
1C)
GRM0225C1C7R8WD05L
GRM0225C1C7R8BD05L
GRM0225C1C7R8CD05L
GRM0225C1C7R8DD05L
GRM0225C1C7R9WD05L
GRM0225C1C7R9BD05L
GRM0225C1C7R9CD05L
GRM0225C1C7R9DD05L
GRM0225C1C8R0WD05L
GRM0225C1C8R0BD05L
GRM0225C1C8R0CD05L
GRM0225C1C8R0DD05L
GRM0225C1C8R1WD05L
GRM0225C1C8R1BD05L
GRM0225C1C8R1CD05L
GRM0225C1C8R1DD05L
GRM0225C1C8R2WD05L
GRM0225C1C8R2BD05L
GRM0225C1C8R2CD05L
GRM0225C1C8R2DD05L
GRM0225C1C8R3WD05L
GRM0225C1C8R3BD05L
GRM0225C1C8R3CD05L
GRM0225C1C8R3DD05L
GRM0225C1C8R4WD05L
GRM0225C1C8R4BD05L
GRM0225C1C8R4CD05L
GRM0225C1C8R4DD05L
GRM0225C1C8R5WD05L
GRM0225C1C8R5BD05L
GRM0225C1C8R5CD05L
GRM0225C1C8R5DD05L
GRM0225C1C8R6WD05L
GRM0225C1C8R6BD05L
GRM0225C1C8R6CD05L
GRM0225C1C8R6DD05L
GRM0225C1C8R7WD05L
GRM0225C1C8R7BD05L
GRM0225C1C8R7CD05L
GRM0225C1C8R7DD05L
0.4x0.2(
02)<01005>
50(
1H)
GRM0335C1H7R8WD01D
GRM0335C1H7R8BD01D
GRM0335C1H7R8CD01D
GRM0335C1H7R8DD01D
GRM0335C1H7R9WD01D
GRM0335C1H7R9BD01D
GRM0335C1H7R9CD01D
GRM0335C1H7R9DD01D
GRM0335C1H8R0WD01D
GRM0335C1H8R0BD01D
GRM0335C1H8R0CD01D
GRM0335C1H8R0DD01D
GRM0335C1H8R1WD01D
GRM0335C1H8R1BD01D
GRM0335C1H8R1CD01D
GRM0335C1H8R1DD01D
GRM0335C1H8R2WD01D
GRM0335C1H8R2BD01D
GRM0335C1H8R2CD01D
GRM0335C1H8R2DD01D
GRM0335C1H8R3WD01D
GRM0335C1H8R3BD01D
GRM0335C1H8R3CD01D
GRM0335C1H8R3DD01D
GRM0335C1H8R4WD01D
GRM0335C1H8R4BD01D
GRM0335C1H8R4CD01D
GRM0335C1H8R4DD01D
GRM0335C1H8R5WD01D
GRM0335C1H8R5BD01D
GRM0335C1H8R5CD01D
GRM0335C1H8R5DD01D
GRM0335C1H8R6WD01D
GRM0335C1H8R6BD01D
GRM0335C1H8R6CD01D
GRM0335C1H8R6DD01D
GRM0335C1H8R7WD01D
GRM0335C1H8R7BD01D
GRM0335C1H8R7CD01D
GRM0335C1H8R7DD01D
0.6x0.3(
03)<0201>
50(
1H)
GRM1555C1H7R8WA01D
GRM1555C1H7R8BA01D
GRM1555C1H7R8CA01D
GRM1555C1H7R8DA01D
GRM1555C1H7R9WA01D
GRM1555C1H7R9BA01D
GRM1555C1H7R9CA01D
GRM1555C1H7R9DA01D
GRM1555C1H8R0WA01D
GRM1555C1H8R0BA01D
GRM1555C1H8R0CA01D
GRM1555C1H8R0DA01D
GRM1555C1H8R1WA01D
GRM1555C1H8R1BA01D
GRM1555C1H8R1CA01D
GRM1555C1H8R1DA01D
GRM1555C1H8R2WA01D
GRM1555C1H8R2BA01D
GRM1555C1H8R2CA01D
GRM1555C1H8R2DA01D
GRM1555C1H8R3WA01D
GRM1555C1H8R3BA01D
GRM1555C1H8R3CA01D
GRM1555C1H8R3DA01D
GRM1555C1H8R4WA01D
GRM1555C1H8R4BA01D
GRM1555C1H8R4CA01D
GRM1555C1H8R4DA01D
GRM1555C1H8R5WA01D
GRM1555C1H8R5BA01D
GRM1555C1H8R5CA01D
GRM1555C1H8R5DA01D
GRM1555C1H8R6WA01D
GRM1555C1H8R6BA01D
GRM1555C1H8R6CA01D
GRM1555C1H8R6DA01D
GRM1555C1H8R7WA01D
GRM1555C1H8R7BA01D
GRM1555C1H8R7CA01D
GRM1555C1H8R7DA01D
1.0x0.5(
15)<0402>
7.8pF(
7R8)
7.9pF(
7R9)
8.0pF(
8R0)
8.1pF(
8R1)
8.2pF(
8R2)
8.3pF(
8R3)
8.4pF(
8R4)
8.5pF(
8R5)
8.6pF(
8R6)
8.7pF(
8R7)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
Temperature Compensating Type C0G(5C) Characteristics
GRM0225C1C7R6WD05L
GRM0225C1C7R6BD05L
GRM0225C1C7R6CD05L
GRM0225C1C7R6DD05L
GRM0225C1C7R7WD05L
GRM0225C1C7R7BD05L
GRM0225C1C7R7CD05L
GRM0225C1C7R7DD05L
GRM0335C1H7R6WD01D
GRM0335C1H7R6BD01D
GRM0335C1H7R6CD01D
GRM0335C1H7R6DD01D
GRM0335C1H7R7WD01D
GRM0335C1H7R7BD01D
GRM0335C1H7R7CD01D
GRM0335C1H7R7DD01D
GRM1555C1H7R6WA01D
GRM1555C1H7R6BA01D
GRM1555C1H7R6CA01D
GRM1555C1H7R6DA01D
GRM1555C1H7R7WA01D
GRM1555C1H7R7BA01D
GRM1555C1H7R7CA01D
GRM1555C1H7R7DA01D
7.6pF(
7R6)
7.7pF(
7R7)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
GR
M
02
2
5C
1C
7R6 W
D05
L
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging*
(Part Number)
w
q
e r t y
u i
o !0
*GRM022: D is applicable.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com