Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 72 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 72 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 221 page
background image
Continued on the following page.
GNM Series Specifications and Test Methods (1)
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig.1 using a eutectic solder. Then apply 5N force in parallel with
the test jig for 10
±1 sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
(in mm)
Fig. 1
10
Adhesive Strength
of Termination
No removal of the terminations or other defect should occur.
GNMpp4
GNMpp2
The capacitance change should be measured after 5 min. at
each specified temperature stage.
(1) Temperature Compensating Type
The temperature coefficient is determined using the capaci-
tance measured in step 3 as a reference. When cycling the
temperature sequentially from steps 1 through 5, the
capacitance should be within the specified tolerance for the
temperature coefficient and capacitance change as in Table A.
The capacitance drift is calculated by dividing the differences
between the maximum and minimum measured values in the
steps 1, 3 and 5 by the cap. value in step 3.
(2) High Dielectric Constant Type
The ranges of capacitance change compared with the above
25
°C value over the temperature ranges shown in the table
should be within the specified ranges.
9
Capacitance
Temperature
Characteristics
Capacitance
Change
Within the
specified tolerance
(Table A)
Temperature
Coefficient
Within the
specified tolerance
(Table A)
Capacitance
Drift
Within
±0.2%
or
±0.05pF
(whichever is
larger.)
8
Q/
Dissipation Factor
(D.F.)
30pF min.: Q
U1000
30pF max.:
Q
U400+20C
C: Nominal
Capacitance (pF)
The capacitance/Q/D.F. should be measured at 25
°C at the
frequency and voltage shown in the table.
7
Capacitance
Within the specified tolerance
The insulation resistance should be measured with a DC
voltage not exceeding the rated voltage at 25
°C and 75%RH
max. and within 2 minutes of charging.
6
Insulation
Resistance
More than 10,000M
Ω or 500Ω · F
(whichever is smaller)
No failure should be observed when 300% of the rated voltage
(5C) or 250% of the rated voltage (R7) is applied between the
terminations for 1 to 5 seconds, provided the charge/discharge
current is less than 50mA.
5
Dielectric Strength
No defects or abnormalities
Using calipers
4
Dimensions
Within the specified dimensions
Visual inspection
3
Appearance
No defects or abnormalities
The rated voltage is defined as the maximum voltage that may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
2
Rated Voltage
See the previous pages.
1
Operating
Temperature
Range
5C: –55 to +125
°C
R7, C7: –55 to +125
°C
R6: –55 to +85
°C
No.
Test Method
Specifications
Temperature
Compensating Type
High Dielectric Type
Item
Step
Temperature (
°C)
25
±2
–55
±3 (for 5C/R7/C7), –30±3 (for F5)
25
±2
125
±3 (for 5C/R7/C7), 85±3 (for F5)
25
±2
1
2
3
4
5
Char.
Item
5C
1
±0.1MHz
0.5 to 5Vrms
R7
1
±0.1kHz
1.0
±0.2Vrms
Frequency
Voltage
Char. 25V min.
0.025
max.
16V
0.035
max.
10V
0.035
max.
6.3V
0.05
max.
R7, R6,
C7
Char.
Temp.
Range
–55
°C
to +125
°C
Reference
Temp.
25
°C
Cap.
Change
Within
±15%
R7
–55
°C
to +85
°C
Within
±22%
R6
–55
°C
to +125
°C
C7
Type
a
0.5
0.6
0.6
0.8
b
1.6
1.8
2.0
2.5
c
0.32
0.5
0.25
0.4
d
0.32
0.5
0.25
0.4
GNM1M2
GNM212
GNM214
GNM314
Solder resist
Copper foil
b
b
a
a
Solder resist
Copper foil
• Initial measurement for high dielectric constant type.
Perform a heat treatment at 150+0/-10
°C for one hour and
then set for 24
±2 hours at room temperature.
Perform the initial measurement.
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GNM Series Specifications and Test Methods (1)
70
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com