Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 90 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 90 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 91Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 92Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 93Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 94Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 221 page
background image
Capacitance Table
88
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Temperature Compensating Type C0G(5C)/C0H(6C) Characteristics
0.6x0.3
(03)
<0201>
1.0x0.5
(15)
<0402>
25
(1E)
3
ex.3: T Dimension [mm]
LxW
[mm]
Rated Voltage
[Vdc]
Capacitance
0.1pF(R10)
0.2pF(R20)
0.3pF(R30)
0.4pF(R40)
0.5pF(R50)
0.6pF(R60)
0.7pF(R70)
0.8pF(R80)
0.9pF(R90)
1.0pF(1R0)
1.1pF(1R1)
1.2pF(1R2)
1.3pF(1R3)
1.4pF(1R4)
1.5pF(1R5)
1.6pF(1R6)
1.7pF(1R7)
1.8pF(1R8)
1.9pF(1R9)
2.0pF(2R0)
2.1pF(2R1)
2.2pF(2R2)
2.3pF(2R3)
2.4pF(2R4)
2.5pF(2R5)
2.6pF(2R6)
2.7pF(2R7)
2.8pF(2R8)
2.9pF(2R9)
3.0pF(3R0)
3.1pF(3R1)
3.2pF(3R2)
3.3pF(3R3)
3.4pF(3R4)
3.5pF(3R5)
3.6pF(3R6)
3.7pF(3R7)
3.8pF(3R8)
3.9pF(3R9)
4.0pF(4R0)
4.1pF(4R1)
4.2pF(4R2)
4.3pF(4R3)
4.4pF(4R4)
4.5pF(4R5)
4.6pF(4R6)
4.7pF(4R7)
4.8pF(4R8)
4.9pF(4R9)
6.3
(0J)
50
(1H)
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.6x0.3
(03)
<0201>
1.0x0.5
(15)
<0402>
25
(1E)
LxW
[mm]
Rated Voltage
[Vdc]
Capacitance
5.0pF(5R0)
5.1pF(5R1)
5.2pF(5R2)
5.3pF(5R3)
5.4pF(5R4)
5.5pF(5R5)
5.6pF(5R6)
5.7pF(5R7)
5.8pF(5R8)
5.9pF(5R9)
6.0pF(6R0)
6.1pF(6R1)
6.2pF(6R2)
6.3pF(6R3)
6.4pF(6R4)
6.5pF(6R5)
6.6pF(6R6)
6.7pF(6R7)
6.8pF(6R8)
6.9pF(6R9)
7.0pF(7R0)
7.1pF(7R1)
7.2pF(7R2)
7.3pF(7R3)
7.4pF(7R4)
7.5pF(7R5)
7.6pF(7R6)
7.7pF(7R7)
7.8pF(7R8)
7.9pF(7R9)
8.0pF(8R0)
8.1pF(8R1)
8.2pF(8R2)
8.3pF(8R3)
8.4pF(8R4)
8.5pF(8R5)
8.6pF(8R6)
8.7pF(8R7)
8.8pF(8R8)
8.9pF(8R9)
9.0pF(9R0)
9.1pF(9R1)
9.2pF(9R2)
9.3pF(9R3)
9.4pF(9R4)
9.5pF(9R5)
9.6pF(9R6)
9.7pF(9R7)
9.8pF(9R8)
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
6.3
(0J)
50
(1H)
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.6x0.3
(03)
<0201>
1.0x0.5
(15)
<0402>
25
(1E)
LxW
[mm]
Rated Voltage
[Vdc]
Capacitance
9.9pF(9R9)
10pF(100)
11pF(110)
12pF(120)
13pF(130)
15pF(150)
16pF(160)
18pF(180)
20pF(200)
22pF(220)
24pF(240)
27pF(270)
30pF(300)
33pF(330)
6.3
(0J)
50
(1H)
3
3
3
3
3
3
3
3
3
3
3
3
3
3
5
5
5
5
5
5
5
5
5
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com