Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 88 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 88 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 91Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 92Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 221 page
background image
The ESR should be measured at room temperature with the
Equivalent of HP4294A.
*
17
ESR
Within below ESR value at Frequency: 10
±0.1MHz
100m
Ω: Within 70 to 130mΩ
220m
Ω: Within 154 to 286mΩ
470m
Ω: Within 329 to 611mΩ
1000m
Ω: Within 700 to 1300mΩ
Apply 150% of the rated voltage for 1000
±12 hours at the
maximum operating temperature
±3°C.
The charge/discharge current is less than 50mA.
•Initial measurement
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature. Perform the
initial measurement.
•Measurement after test
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature, then measure.
16
Durability
Appearance
No marking defects
Capacitance
Change
R6, R7, C7, C8: Within
±12.5%
* LLL153C70G474: Within
±20%
D.F.
R6, R7, C7, C8: 0.2 max.
I.R.
25
Ω · F min.
Apply the rated voltage at 40
±2°C and 90 to 95% humidity for
500
±12 hours.
The charge/discharge current is less than 50mA.
Apply the rated DC voltage.
•Initial measurement
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature. Perform the
initial measurement.
•Measurement after test
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature, then measure.
15
High
Temperature
High
Humidity
(Steady
State)
Appearance
No marking defects
Capacitance
Change
R6, R7, C7, C8: Within
±12.5%
D.F.
R6, R7, C7, C8: 0.2 max.
I.R.
12.5
Ω · F min.
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (10).Perform the five cycles
according to the four heat treatments listed in the following
table. Let sit for 24
±2 hours at room temperature,
then measure.
• Initial measurement
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature. Perform the
initial measurement.
14
Temperature
Sudden
Change
Appearance
No marking defects
Capacitance
Change
R6, R7, C7, C8: Within
±12.5%
D.F.
R6, R7, C7, C8: 0.120 max.
I.R.
50
Ω · F min.
Dielectric
Strength
No failure
No.
Test Method
Specifications
Item
Continued from the preceding page.
LLL/LLR/LLA/LLM Series Specifications and Test Methods (2)
1
Step
Min. Operating
Temp. +0/–3
30
±3
2
Room
Temp.
2 to 3
3
Min. Operating
Temp. +0/–3
30
±3
4
Room
Temp.
2 to 3
Temp. (
°C)
Time (min.)
* LLR: This specification is only for LLR Type
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
LLL/LLR/LLA/LLM Series Specifications and Test Methods (2)
86
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to LLL/LLR/LLA/LLM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to LLL/LLR/LLA/LLM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com