Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 74 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 74 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 221 page
background image
Continued from the preceding page.
Continued on the following page.
Apply the rated voltage at 40
±2°C and 90 to 95% humidity for
500
±12 hours.
Remove and let sit for 24
±2 hours at room temperature, then
measure.
The charge/discharge current is less than 50mA.
17
Humidity Load
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±7.5%
or
±0.75pF
(whichever is
larger)
R7, R6, C7: Within
±12.5%
Q/D.F.
30pF and over:
Q
U200
30pF and below:
Q
U100+10C/3
C: Nominal
Capacitance (pF)
I.R.
More than 500M
Ω or 25Ω · F (whichever is smaller)
Set the capacitor at 40
±2°C and 90 to 95% humidity for 500±12
hours.
Remove and let sit for 24
±2 hours at room temperature, then
measure.
16
Humidity Steady
State
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±5%
or
±0.5pF
(whichever is
larger)
R7, R6, C7: Within
±12.5%
Q/D.F.
30pF and over:
Q
U350
10pF and over,
30pF and below:
Q
U275+5C/2
10pF and below:
Q
U200+10C
C: Nominal
Capacitance (pF)
I.R.
More than 1,000M
Ω or 50Ω · F (whichever is smaller)
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (10). Perform the five cycles
according to the four heat treatments listed in the following
table. Let sit for 24
±2 hours (temperature compensating type)
or 48
±4 hours (high dielectric constant type) at room
temperature, then measure.
• Initial measurement for high dielectric constant type
Perform a heat treatment at 150+0/-10
°C for one hour and
then let sit for 24
±2 hours at room temperature.
Perform the initial measurement.
15
Temperature
Cycle
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±2.5%
or
±0.25pF
(whichever is
larger)
R7, R6, C7: Within
±7.5%
Q/D.F.
30pF min.: Q
U1000
30pF max.:
Q
U400+20C
C:Nominal
Capacitance (pF)
I.R.
More than 10,000M
Ω or 500Ω · F (whichever is smaller)
Dielectric
Strength
No failure
GNM Series Specifications and Test Methods (1)
Step
Temp. (
°C)
Time (min.)
1
Min.
Operating
Temp.+0/–3
30
±3
2
Room
Temp.
2 to 3
3
Max.
Operating
Temp. +3/–0
30
±3
4
Room
Temp.
2 to 3
Char. 25V min.
0.025
max.
16V
0.035
max.
10V
0.035
max.
6.3V
0.05
max.
R7, R6,
C7
Char.
25V min.
0.05
max.
16V
0.05
max.
10V/6.3V
0.05
max.
R7, R6,
C7
Char.
25V min.
0.05
max.
16V
0.05
max.
10V/6.3V
0.05
max.
R7, R6,
C7
No.
Test Method
Specifications
Temperature
Compensating Type
High Dielectric Type
Item
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GNM Series Specifications and Test Methods (1)
72
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com