Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 28 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 28 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 221 page
background image
26
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM1885C2A100JA01D
GRM1885C2A120JA01D
GRM1885C2A150JA01D
GRM1885C2A180JA01D
GRM1885C2A220JA01D
GRM1885C2A270JA01D
GRM1885C2A330JA01D
GRM1885C2A390JA01D
GRM1885C2A470JA01D
GRM1885C2A560JA01D
GRM1885C2A680JA01D
GRM1885C2A820JA01D
GRM1885C2A101JA01D
GRM1885C2A121JA01D
GRM1885C2A151JA01D
GRM1885C2A181JA01D
GRM1885C2A221JA01D
GRM1885C2A271JA01D
GRM1885C2A331JA01D
GRM1885C2A391JA01D
GRM1885C2A471JA01D
GRM1885C2A561JA01D
GRM1885C2A681JA01D
GRM1885C2A821JA01D
GRM1885C2A102JA01D
GRM1885C2A122JA01D
GRM1885C2A152JA01D
50(
1H)
GRM1885C1H100JA01D
GRM1885C1H120JA01D
GRM1885C1H150JA01D
GRM1885C1H180JA01D
GRM1885C1H220JA01D
GRM1885C1H270JA01D
GRM1885C1H330JA01D
GRM1885C1H390JA01D
GRM1885C1H470JA01D
GRM1885C1H560JA01D
GRM1885C1H680JA01D
GRM1885C1H820JA01D
GRM1885C1H101JA01D
GRM1885C1H121JA01D
GRM1885C1H151JA01D
GRM1885C1H181JA01D
GRM1885C1H221JA01D
GRM1885C1H271JA01D
GRM1885C1H331JA01D
GRM1885C1H391JA01D
GRM1885C1H471JA01D
GRM1885C1H561JA01D
GRM1885C1H681JA01D
GRM1885C1H821JA01D
GRM1885C1H102JA01D
GRM1885C1H122JA01D
GRM1885C1H152JA01D
GRM1885C1H182JA01D
GRM1885C1H222JA01D
GRM1885C1H272JA01D
GRM1885C1H332JA01D
GRM1885C1H392JA01D
1.6x0.8(
18)<0603>
10pF(
100)
12pF(
120)
15pF(
150)
18pF(
180)
22pF(
220)
27pF(
270)
33pF(
330)
39pF(
390)
47pF(
470)
56pF(
560)
68pF(
680)
82pF(
820)
100pF(
101)
120pF(
121)
150pF(
151)
180pF(
181)
220pF(
221)
270pF(
271)
330pF(
331)
390pF(
391)
470pF(
471)
560pF(
561)
680pF(
681)
820pF(
821)
1000pF(
102)
1200pF(
122)
1500pF(
152)
1800pF(
182)
2200pF(
222)
2700pF(
272)
3300pF(
332)
3900pF(
392)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
Temperature Compensating Type C0G(5C) Characteristics
GR
M
18
8
5C
2A
100
J
A01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com