Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 32 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 32 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 221 page
background image
30
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
100(
2A)
GRM2165C2A101JA01D
GRM2165C2A121JA01D
GRM2165C2A151JA01D
GRM2165C2A181JA01D
GRM2165C2A221JA01D
GRM2165C2A271JA01D
GRM2165C2A331JA01D
GRM2165C2A391JA01D
GRM2165C2A471JA01D
GRM2165C2A561JA01D
GRM2165C2A681JA01D
GRM2165C2A821JA01D
GRM2165C2A102JA01D
GRM2165C2A122JA01D
GRM2165C2A152JA01D
GRM2165C2A182JA01D
GRM2165C2A222JA01D
GRM2165C2A272JA01D
GRM2165C2A332JA01D
50(
1H)
GRM2165C1H122JA01D
GRM2165C1H152JA01D
GRM2165C1H182JA01D
GRM2165C1H222JA01D
GRM2165C1H272JA01D
GRM2165C1H332JA01D
GRM2165C1H392JA01D
GRM2165C1H472JA01D
GRM2195C1H562JA01D
GRM2195C1H682JA01D
GRM2195C1H822JA01D
GRM2195C1H103JA01D
GRM2195C1H123JA01D
GRM2195C1H153JA01D
100(
2A)
GRM3195C2A182JA01D
GRM3195C2A222JA01D
GRM3195C2A272JA01D
GRM3195C2A332JA01D
GRM3195C2A392JA01D
GRM3195C2A472JA01D
GRM3195C2A562JA01D
GRM3195C2A682JA01D
GRM3195C2A822JA01D
GRM3195C2A103JA01D
50(
1H)
GRM3195C1H472JA01D
GRM3195C1H562JA01D
GRM3195C1H682JA01D
GRM3195C1H822JA01D
GRM3195C1H103JA01D
GRM3195C1H123JA01D
GRM3195C1H153JA01D
GRM3195C1H183JA01D
GRM3195C1H223JA01D
GRM3195C1H273JA01D
GRM3195C1H333JA01D
GRM3195C1H393JA01D
GRM31M5C1H473JA01L
GRM31M5C1H563JA01L
2.0x1.25(
21)<0805>
3.2x1.6(
31)<1206>
100pF(
101)
120pF(
121)
150pF(
151)
180pF(
181)
220pF(
221)
270pF(
271)
330pF(
331)
390pF(
391)
470pF(
471)
560pF(
561)
680pF(
681)
820pF(
821)
1000pF(
102)
1200pF(
122)
1500pF(
152)
1800pF(
182)
2200pF(
222)
2700pF(
272)
3300pF(
332)
3900pF(
392)
4700pF(
472)
5600pF(
562)
6800pF(
682)
8200pF(
822)
10000pF(
103)
12000pF(
123)
15000pF(
153)
18000pF(
183)
22000pF(
223)
27000pF(
273)
33000pF(
333)
39000pF(
393)
47000pF(
473)
56000pF(
563)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
Temperature Compensating Type C0G(5C) Characteristics-Low Profile
GR
M
21
6
5C
2A
101
J
A01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com