Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 27 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 27 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 221 page
background image
25
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
50(
1H)
GRM1555C1H100GA01D
GRM1555C1H100JA01D
GRM1555C1H120GA01D
GRM1555C1H120JA01D
GRM1555C1H150GA01D
GRM1555C1H150JA01D
GRM1555C1H180GA01D
GRM1555C1H180JA01D
GRM1555C1H220GA01D
GRM1555C1H220JA01D
GRM1555C1H270GA01D
GRM1555C1H270JA01D
GRM1555C1H330GA01D
GRM1555C1H330JA01D
GRM1555C1H390GA01D
GRM1555C1H390JA01D
GRM1555C1H470GA01D
GRM1555C1H470JA01D
GRM1555C1H560GA01D
GRM1555C1H560JA01D
GRM1555C1H680GA01D
GRM1555C1H680JA01D
GRM1555C1H820GA01D
GRM1555C1H820JA01D
GRM1555C1H101GA01D
GRM1555C1H101JA01D
GRM1555C1H121GA01D
GRM1555C1H121JA01D
GRM1555C1H151GA01D
GRM1555C1H151JA01D
GRM1555C1H181GA01D
GRM1555C1H181JA01D
GRM1555C1H221GA01D
GRM1555C1H221JA01D
GRM1555C1H271GA01D
GRM1555C1H271JA01D
GRM1555C1H331GA01D
GRM1555C1H331JA01D
GRM1555C1H391GA01D
GRM1555C1H391JA01D
GRM1555C1H471GA01D
GRM1555C1H471JA01D
GRM1555C1H561GA01D
GRM1555C1H561JA01D
GRM1555C1H681GA01D
GRM1555C1H681JA01D
GRM1555C1H821GA01D
GRM1555C1H821JA01D
GRM1555C1H102GA01D
GRM1555C1H102JA01D
C0G(
5C)
1.0x0.5(
15)<0402>
10pF(
100)
12pF(
120)
15pF(
150)
18pF(
180)
22pF(
220)
27pF(
270)
33pF(
330)
39pF(
390)
47pF(
470)
56pF(
560)
68pF(
680)
82pF(
820)
100pF(
101)
120pF(
121)
150pF(
151)
180pF(
181)
220pF(
221)
270pF(
271)
330pF(
331)
390pF(
391)
470pF(
471)
560pF(
561)
680pF(
681)
820pF(
821)
1000pF(
102)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
Temperature Compensating Type C0G(5C) Characteristics
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com