Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 54 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 54 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 221 page
background image
Continued from the preceding page.
Continued on the following page.
Temperature (
°C)
Step
Reference Temperature
±2
–55
±3 (for ∆C to 7U/R6/R7/C8)
–30
±3 (for F5), 10±3 (for E4)
–25
±3 (for other TC)
Reference Temperature
±2
125
±3 (for ∆C/R7), 105±3 (for C8)
85
±3 (for other TC)
Reference Temperature
±2
1
2
3
4
5
Temperature (
°C)
Step
Reference Temperature
±2
–55
±3 (for C8, R1, R7, R6)
–25
±3 (for B1, B3, F1)
–30
±3 (for F5)/10±3 (for E4)
Reference Temperature
±2
125
±3 (for R1, R7)/
85
±3 (for B1, B3, R6
F1, F5, E4)/105
±3 (for C8)
Reference Temperature
±2
–55
±3 (for R1)/
–25
±3 (for B1, F1)
Reference Temperature
±2
125
±3 (for R1)/
85
±3 (for B1, F1)
Applying Voltage (V)
No bias
50% of the rated
voltage
1
2
3
4
5
6
7
8
a
Type
0.2
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
b
0.56
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
c
0.23
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
GRM02
GRM03
GRM15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 1a using a eutectic solder. Then apply 10N* force in
parallel with the test jig for 10
±1 sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
*1N (GRM02), 2N (GRM03), 5N (GRM15, GRM18)
(in mm)
10
Adhesive Strength
of Termination
No removal of the terminations or other defect should occur.
Fig. 1a
The capacitance change should be measured after 5 min. at
each specified temp. stage.
(1)Temperature Compensating Type
The temperature coefficient is determined using the
capacitance measured in step 3 as a reference.
When cycling the temperature sequentially from steps 1
through 5 (5C: +25 to +125
°C/∆C: +20 to +125°C: other temp.
coeffs.: +25 to +85
°C/+20 to +85°C) the capacitance should be
within the specified tolerance for the temperature coefficient
and capacitance change as in Table A-1.
The capacitance drift is calculated by dividing the differences
between the maximum and minimum measured values in the
steps 1, 3 and 5 by the cap. value in step 3.
(2) High Dielectric Constant Type
The ranges of capacitance change compared with the
Reference Temperature value over the temperature ranges
shown in the table should be within the specified ranges.*
When applying voltage, the capacitance change should be
measured after 1 more min. with applying voltage in
equilibration of each temp. stage.
9
Capacitance
Temperature
Characteristics
No bias
Within the specified tolerance
(Table A-1)
B1, B3: Within
±10%
(–25 to +85
°C)
R1, R7: Within
±15%
(–55 to +125
°C)
R6: Within
±15%
(–55 to +85
°C)
E4: Within +22/–56%
(+10 to +85
°C)
F1: Within +30/–80%
(–25 to +85
°C)
F5: Within +22/–82%
(–30 to +85
°C)
C8: Within
±22%
(–55 to +105
°C)
50% of
the Rated
Voltage
B1: Within +10/–30%
R1: Within +15/–40%
F1: Within +30/–95%
Capacitance
Drift
Within
±0.2% or ±0.05pF
(whichever is larger.)
*Do not apply to 1X/25V
*Initial measurement for high
dielectric constant type
Perform a heat treatment at
150+0/–10
°C for one hour
and then set for 24
±2 hours
at room temperature.
Perform the initial
measurement.
No.
Test Method
Specifications
Temperature
Compensating Type
High Dielectric Type
Item
c
Baked electrode or
copper foil
Solder resist
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
52
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(Note 1) These Specifications and Test Methods indicate typical inspection.
Please refer to individual specifications (our product specifications or the approval sheet).
When no "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com