Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 98 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 98 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 94Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 95Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 221 page
background image
96
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GJM0336C1E100GB01D
GJM0336C1E100JB01D
GJM0336C1E110GB01D
GJM0336C1E110JB01D
GJM0336C1E120GB01D
GJM0336C1E120JB01D
GJM0336C1E130GB01D
GJM0336C1E130JB01D
GJM0336C1E150GB01D
GJM0336C1E150JB01D
GJM0336C1E160GB01D
GJM0336C1E160JB01D
GJM0336C1E180GB01D
GJM0336C1E180JB01D
GJM0336C1E200GB01D
GJM0336C1E200JB01D
6.3(
0J)
GJM0335C0J220GB01D
GJM0335C0J220JB01D
GJM0335C0J240GB01D
GJM0335C0J240JB01D
GJM0335C0J270GB01D
GJM0335C0J270JB01D
GJM0335C0J300GB01D
GJM0335C0J300JB01D
GJM0335C0J330GB01D
GJM0335C0J330JB01D
50(
1H)
GJM1555C1H100GB01D
GJM1555C1H100JB01D
GJM1555C1H110GB01D
GJM1555C1H110JB01D
GJM1555C1H120GB01D
GJM1555C1H120JB01D
GJM1555C1H130GB01D
GJM1555C1H130JB01D
GJM1555C1H150GB01D
GJM1555C1H150JB01D
GJM1555C1H160GB01D
GJM1555C1H160JB01D
GJM1555C1H180GB01D
GJM1555C1H180JB01D
GJM1555C1H200GB01D
GJM1555C1H200JB01D
0.6x0.3(
03)<0201>
1.0x0.5(
15)<0402>
10pF(
100)
11pF(
110)
12pF(
120)
13pF(
130)
15pF(
150)
16pF(
160)
18pF(
180)
20pF(
200)
22pF(
220)
24pF(
240)
27pF(
270)
30pF(
300)
33pF(
330)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
±2%(G)
±5%(J)
Temperature Compensating Type C0G(5C)/C0H(6C) Characteristics
GJ
M
03
3
6C
1E
100
G
B01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com