Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 78 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 78 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 221 page
background image
76
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
Low ESL LLL/LLR/LLA/LLM Series
s Features
1. Low ESL, good for noise reduction for high
frequency
2. Small, high cap
s Applications
Decoupling solution for "chip sets", such as
Mobile/FPD TV
s Features
1. Good solution for anti resonance reduction with
Controlled ESR.
2. Suitable for high speed IC decoupling due to low
inductance type.
3. 4 types of ESR are available.
s Applications
1. All kind of IC package (network processor,
media processor, etc)
2. Circuit that has anti-resonance
Part Number
T
Dimensions (mm)
0.6 max.
0.85
±0.1
0.7
±0.1
W
0.8
±0.1
1.25
±0.1
1.6
±0.15
L
1.6
±0.1
2.0
±0.1
3.2
±0.15
1.15
±0.1
0.6
±0.1
LLL185
0.3
±0.05
0.5
±0.05
1.0
±0.05
LLL153
0.5 +0.05/-0.1
0.8
±0.15
1.6
±0.15
LLR185
LLL216
0.5 +0/-0.15
LLL215
LLL219
LLL317
0.5 +0/-0.15
LLL315
LLL31M
L
W
s Features
1. Low ESL (100pH), suitable to decoupling capacitor
for 1GHz clock speed IC.
2. Small, high cap
s Applications
High speed IC package (FPGA, network processor, etc)
Part Number
LW
T
Dimensions (mm)
P
1.6
±0.1
0.8
±0.1
0.4
±0.1
0.5 +0.05/-0.1
LLA185
2.0
±0.1
1.25
±0.1
0.5
±0.05
0.5 +0.05/-0.1
LLA215
2.0
±0.1
1.25
±0.1
0.5
±0.05
0.85
±0.1
LLA219
3.2
±0.15 1.6 ±0.15
0.8
±0.1
0.5 +0.05/-0.1
LLA315
3.2
±0.15 1.6 ±0.15
0.8
±0.1
0.85
±0.1
LLA319
3.2
±0.15 1.6 ±0.15
0.8
±0.1
1.15
±0.1
LLA31M
L
W
Equivalent Circuit
P
qwer
qetu
wryi
iuyt
s Features
1. Low ESL (45pH), suitable to decoupling capacitor
for 2GHz clock speed IC.
2. Small, high cap
s Applications
High speed IC package (FPGA, network processor, etc)
Part Number
LW
T
Dimensions (mm)
P
2.0
±0.1
1.25
±0.1
0.5
±0.05
0.5 +0.05/-0.1
LLM215
3.2
±0.15 1.6 ±0.15
0.8
±0.1
0.5 +0.05/-0.1
LLM315
L
W
Equivalent Circuit
P
qwer
qetu
wryi
o
!0
oiuy
t
!0
Reversed Geometry Low ESL Type
Controlled ESR Low ESL Type
Eight Terminals Low ESL Type
Ten Terminals Low ESL Type
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com