Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 77 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 77 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 221 page
background image
Continued from the preceding page.
GNM Series Specifications and Test Methods (2)
100
1.0
5.0
b
a
c
d
100
1.0
5.0
b
a
c
d
Capacitance meter
Flexure :
V1
20
50
R230
Pressurizing
speed: 1.0mm/sec.
Pressurize
45
45
Apply 150% (GNM1M2R61A225/1C105: 125% of the rated
voltage) of the rated voltage for 1000
±12 hours at the
maximum operating temperature
±3°C. Let sit for 24±2 hours
at room temperature, then measure.
The charge/discharge current is less than 50mA.
• Initial measurement
Perform a heat treatment at 150 +0/-10
°C for one hour
and then let sit for 24
±2 hours at room temperature.
Perform the initial measurement.
• Measurement after test
Perform a heat treatment at 150 +0/-10
°C for one hour and
then let sit for 24
±2 hours at room temperature, then measure.
17
Durability
Appearance
No marking defects
Capacitance
Change
R6: Within
±12.5%
D.F.
0.2 max.
I.R.
25
Ω · F min.
Apply the rated voltage at 40
±2°C and 90 to 95% humidity for
500
±12 hours. The charge/discharge current is less than 50mA.
• Initial measurement
Perform a heat treatment at 150 +0/-10
°C for one hour
and then let sit for 24
±2 hours at room temperature.
Perform the initial measurement.
• Measurement after test
Perform a heat treatment at 150 +0/-10
°C for one hour
and then let sit for 24
±2 hours at room temperature, then
measure.
16
High
Temperature
High
Humidity
(Steady)
Appearance
No marking defects
Capacitance
Change
R6: Within
±12.5%
D.F.
0.2 max.
I.R.
12.5
Ω · F min.
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (10).
Perform the five cycles according to the four heat treatments
listed in the following table.
Let sit for 24
±2 hours at room temperature, then measure.
• Initial measurement
Perform a heat treatment at 150 +0/-10
°C for one hour and
then let sit for 24
±2 hours at room temperature.
Perform the initial measurement.
15
Temperature
Cycle
Appearance
No marking defects
Capacitance
Change
R6*5: Within
±12.5%
*5 GNM0M2R60G105, GNM0M2R60J103/223/473/104,
GNM0M2R61A103/223/473/104,
GNM0M2R61C103/223/473/104, GNM1M2R61A105:
Within
±15%
D.F.
0.1 max. *3
*3 However 0.125 max. for Table 3 items.
I.R.
50
Ω · F min.
Dielectric
Strength
No failure
Preheat the capacitor at 120 to 150
°C for 1 minute. Immerse
the capacitor in a eutectic solder or Sn-3.0Ag-0.5Cu solder
solution at 270
±5°C for 10±0.5 seconds.
Let sit at room temperature for 24
±2 hours, then measure.
• Initial measurement
Perform a heat treatment at 150 +0/-10
°C for one hour and
then let sit for 24
±2 hours at room temperature. Perform
the initial measurement.
14
Resistance
to Soldering
Heat
Appearance
No marking defects
Capacitance
Change
R6*4: Within
±7.5%
*4 GNM0M2R60G105: Within +15/-7.5%
D.F.
0.1 max. *3
*3 However 0.125 max. for Table 3 items.
I.R.
50
Ω · F min.
Dielectric
Strength
No failure
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion). Preheat at
80 to 120
°C for 10 to 30 seconds. After preheating, immerse in
eutectic solder solution for 2
±0.5 seconds at 230±5°C or
Sn-3.0Ag-0.5Cu solder solution for 2
±0.5 seconds at 245±5°C.
13
Solderability of
Termination
75% of the terminations are to be soldered evenly
and continuously.
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 2 using a eutectic solder. Then apply a force in the
direction shown in Fig. 3. The soldering should be done by the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
12
Deflection
Appearance
No marking defects
Capacitance
Change
Within
±10%
No.
Test Method
Specifications
Item
Fig. 3
Fig. 2
Thickness: 0.8mm
#GNMpp4
#GNMpp2
1
Step
Min. Operating
Temp.
30
±3
2
Room
Temp.
2 to 3
3
Min. Operating
Temp.
30
±3
4
Room
Temp.
2 to 3
Temp. (
°C)
Time (min.)
a
Type
2.0
±0.05
2.0
±0.05
2.0
±0.05
2.0
±0.05
2.5
±0.05
b
0.2
±0.05
0.5
±0.05
0.6
±0.05
0.7
±0.05
0.8
±0.05
c
0.2
±0.05
0.32
±0.05
0.5
±0.05
0.3
±0.05
0.4
±0.05
d
0.25
±0.05
0.32
±0.05
0.5
±0.05
0.2
±0.05
0.4
±0.05
GNM0M2
GNM1M2
GNM212
GNM214
GNM314
(in mm)
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GNM Series Specifications and Test Methods (2)
75
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GNM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com