Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 33 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 33 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 221 page
background image
31
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
50(
1H)
GRM0337U1H1R0CD01D
GRM0337U1H2R0CD01D
GRM0337U1H3R0CD01D
GRM0337U1H4R0CD01D
GRM0337U1H5R0CD01D
GRM0337U1H6R0DD01D
GRM0337U1H7R0DD01D
GRM0337U1H8R0DD01D
GRM0337U1H9R0DD01D
GRM0337U1H100JD01D
GRM0337U1H120JD01D
GRM0337U1H150JD01D
25(
1E)
GRM0337U1E180JD01D
GRM0337U1E220JD01D
GRM0337U1E270JD01D
GRM0337U1E330JD01D
GRM0337U1E390JD01D
GRM0337U1E470JD01D
GRM0337U1E560JD01D
GRM0337U1E680JD01D
GRM0337U1E820JD01D
GRM0337U1E101JD01D
50(
1H)
GRM1557U1H1R0CZ01D
GRM1557U1H2R0CZ01D
GRM1557U1H3R0CZ01D
GRM1557U1H4R0CZ01D
GRM1557U1H5R0CZ01D
GRM1557U1H6R0DZ01D
GRM1557U1H7R0DZ01D
GRM1557U1H8R0DZ01D
GRM1557U1H9R0DZ01D
GRM1557U1H100JZ01D
GRM1557U1H120JZ01D
GRM1557U1H150JZ01D
GRM1557U1H180JZ01D
GRM1557U1H220JZ01D
GRM1557U1H270JZ01D
GRM1557U1H330JZ01D
GRM1557U1H390JZ01D
GRM1557U1H470JZ01D
GRM1557U1H560JZ01D
GRM1557U1H680JZ01D
GRM1557U1H820JZ01D
GRM1557U1H101JZ01D
GRM1557U1H121JZ01D
GRM1557U1H151JZ01D
GRM1557U1H181JZ01D
10(
1A)
GRM1557U1A122JA01D
GRM1557U1A152JA01D
GRM1557U1A182JA01D
GRM1557U1A222JA01D
GRM1557U1A272JA01D
GRM1557U1A332JA01D
GRM1557U1A392JA01D
GRM1557U1A472JA01D
0.6x0.3(
03)<0201>
1.0x0.5(
15)<0402>
1.0pF(
1R0)
2.0pF(
2R0)
3.0pF(
3R0)
4.0pF(
4R0)
5.0pF(
5R0)
6.0pF(
6R0)
7.0pF(
7R0)
8.0pF(
8R0)
9.0pF(
9R0)
10pF(
100)
12pF(
120)
15pF(
150)
18pF(
180)
22pF(
220)
27pF(
270)
33pF(
330)
39pF(
390)
47pF(
470)
56pF(
560)
68pF(
680)
82pF(
820)
100pF(
101)
120pF(
121)
150pF(
151)
180pF(
181)
1200pF(
122)
1500pF(
152)
1800pF(
182)
2200pF(
222)
2700pF(
272)
3300pF(
332)
3900pF(
392)
4700pF(
472)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
Temperature Compensating Type U2J(7U) Characteristics
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com