Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 60 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 60 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 221 page
background image
Continued from the preceding page.
Continued on the following page.
Solder the capacitor on the test jig (glass epoxy board) in the
same manner and under the same conditions as (10).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each of 3 mutually
perpendicular directions (total of 6 hours).
11
Vibration
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
D.F.
B1, B3, R1, *R6, *R7, C7, C8, E7, D7: 0.1 max.
C6: 0.125 max.
D8: 0.15 max.
F1, F5: 0.2 max.
*GRM31CR71E106: 0.125 max.
GRM31CR6 0J/0G 107: 0.15 max.
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 1a using a eutectic solder. Then apply 10N* force in
parallel with the test jig for 10
±1sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
*1N: GRM02, 2N: GRM03, 5N: GRM15/GRM18
10
Adhesive Strength
of Termination
No removal of the terminations or other defects should occur.
Fig. 1a
GRM Series Specifications and Test Methods (2) (Note 1)-Typical Inspection
a
Type
0.2
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
b
0.56
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
c
0.23
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
GRM02
GRM03
GRM15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
c
Baked electrode or
copper foil
Solder resist
The capacitance change should be measured after 5 min. at
each specified temp. stage.
The ranges of capacitance change compared with the
reference temperature value over the temperature ranges
shown in the table should be within the specified ranges.*
In case of applying voltage, the capacitance change should be
measured after 1 more min. with applying voltage in
equilibration of each temp. stage.
*GRM32DR60J226, GRM43 B1/B3/R6 0J/1A 336/476: 1.0
±0.2Vrms
GRM155B30G475, GRM155B30J 225, GRM21BB30J476,
GRM155R60E106, GRM188 B3/R6 0E/0G/0J 226: 0.2
±0.05Vrms
•Initial measurement for high dielectric constant type
Perform a heat treatment at 150 +0/–10
°C for one hour and
then set for 24
±2 hours at room temperature.
Perform the initial measurement.
9
Capacitance
Temperature
Characteristics
No bias
B1, B3 : Within
±10% (–25 to +85°C)
F1
: Within +30/–80% (–25 to +85
°C)
R6
: Within
±15% (–55 to +85°C)
R1, R7 : Within
±15% (–55 to +125°C)
F5
: Within +22/–82% (–30 to +85
°C)
C6
: Within
±22% (–55 to +85°C)
C7
: Within
±22% (–55 to +125°C)
C8
: Within
±22% (–55 to +105°C)
D7
: Within +22/–33% (–55 to +125
°C)
E7
: Within +22/–56% (–55 to +125
°C)
D8
: Within +22/–33% (–55 to +105
°C)
50% of
the Rated
Voltage
B1: Within +10/–30%
R1: Within +15/–40%
F1: Within +30/–95%
Temperature (
°C)
Step
25
±2 (for R6, R7, C6, C7, C8, D7, D8, E7, F5)
20
±2 (for B1, B3, F1, R1)
–55
±3 (for R1, R6, R7, C6, C7, C8, D7, D8, E7)
–30
±3 (for F5)
–25
±3 (for B1, B3, F1)
25
±2 (for R6, R7, C6, C7, C8, D7, D8, E7, F5)
20
±2 (for B1, B3, F1, R1)
125
±3 (for R1, R7, C7, D7, E7)
105
±3 (for C8, D8)
85
±3 (for B1, B3, F1, F5, R6, C6)
20
±2 (for B1, F1, R1)
–55
±3 (for R1)
–25
±3 (for B1, F1)
20
±2 (for B1, F1, R1)
125
±3 (for R1)
85
±3 (for B1, F1)
Applying Voltage (V)
No bias
50% of the
rated voltage
1
2
3
4
5
6
7
8
No.
Test Method
Specifications
Item
GRM Series Specifications and Test Methods (2) (Note 1)-Typical Inspection
58
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(Note 1) These Specifications and Test Methods indicate typical inspection.
Please refer to individual specifications (our product specifications or the approval sheet).
When no "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com