Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 57 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 57 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 221 page
background image
Continued from the preceding page.
Continued on the following page.
Apply the rated voltage at 40
±2°C and 90 to 95% humidity for
500
±12 hours. Remove and set for 24±2 hours at room
temperature, then measure.
The charge/discharge current is less than 50mA.
•Initial measurement for F1, F5/10V max.
Apply the rated DC voltage for 1 hour at 40
±2°C.
Remove and set for 24
±2 hours at room temperature.
Perform initial measurement.
17
Humidity
Load
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No defects or abnormalities
Capacitance
Change
Within
±7.5% or ±0.75pF
(whichever is larger)
B1, B3, R1, R6, R7, C8:
Within
±12.5%
F1, F5, E4: Within
±30%
[W.V.: 10V max.]
F1, F5: Within +30/–40%
Q/D.F.
30pF and over: Q
U200
30pF and below:
Q
U100+10C/3
C: Nominal Capacitance (pF)
[B1, B3, R6, R7, C8]
W.V.: 100V
: 0.05 max. (C
F0.068µF)
: 0.075 max. (C
U0.068µF)
W.V.: 50/35/25/16/10V
: 0.05 max.
W.V.: 6.3/4V
: 0.075 max. (C
F3.3µF)
: 0.125 max. (C
U3.3µF)
[E4]
W.V.: 25Vmin: 0.05 max.
[F1, F5]
W.V.: 25V min.
: 0.075 max. (C
F0.1µF)
: 0.125 max. (C
U0.1µF)
W.V.: 16/10V: 0.15 max.
W.V.: 6.3V: 0.2 max.
I.R.
More than 500M
Ω or 25Ω · F (whichever is smaller)
Set the capacitor at 40
±2°C and in 90 to 95% humidity for
500
±12 hours.
Remove and set for 24
±2 hours at room temperature, then
measure.
16
Humidity
(Steady
State)
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No defects or abnormalities
Capacitance
Change
Within
±5% or ±0.5pF
(whichever is larger)
B1, B3, R1, R6, R7, C8:
Within
±12.5%
F1, F5, E4: Within
±30%
Q/D.F.
30pF and over: Q
U350
10pF and over
30pF and below:
Q
U275+2.5C
10pF and below:
Q
U200+10C
C: Nominal Capacitance (pF)
[R6, R7, C8]
W.V.: 100V
: 0.05 max. (C
F0.068µF)
: 0.075 max. (C
U0.068µF)
W.V.: 50/35/25/16/10V
: 0.05 max.
W.V.: 6.3/4V
: 0.075 max. (C
F3.3µF)
: 0.125 max. (C
U3.3µF)
[E4]
W.V.: 25Vmin: 0.05 max.
[F1, F5]
W.V.: 25V min.
: 0.075 max. (C
F0.1µF)
: 0.125 max. (C
U0.1µF)
W.V.: 16/10V: 0.15 max.
W.V.: 6.3V: 0.2 max.
I.R.
More than 1,000M
Ω or 50Ω · F (whichever is smaller)
No.
Test Method
Specifications
Temperature
Compensating Type
High Dielectric Type
Item
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
GRM Series Specifications and Test Methods (1) (Note 1)-Typical Inspection
55
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(Note 1) These Specifications and Test Methods indicate typical inspection.
Please refer to individual specifications (our product specifications or the approval sheet).
When no "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GRM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com