Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 86 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 86 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 221 page
background image
Continued from the preceding page.
Apply 200% of the rated voltage for 1000
±12 hours at the
maximum operating temperature
±3°C. Let sit for 24±2 hours
at room temperature, then measure. The charge/discharge
current is less than 50mA.
•Initial measurement.
Apply 200% of the rated DC voltage for one hour at the
maximum operating temperature
±3°C. Remove and let sit for
24
±2 hours at room temperature.
Perform initial measurement.
17
High
Temperature
Load
Appearance
No marking defects
Capacitance
Change
Within
±12.5%
D.F.
W.V.: 10V min.; 0.05 max.
W.V.: 6.3V max.; 0.075 max.
I.R.
More than 1,000M
Ω or 50Ω · F
(whichever is smaller)
Apply the rated voltage at 40
±2°C and 90 to 95% humidity for
500
±12 hours. Remove and let sit for 24±2 hours at room
temperature, then measure. The charge/discharge current is
less than 50mA.
16
Humidity
Load
Appearance
No marking defects
Capacitance
Change
Within
±12.5%
D.F.
W.V.: 10V min.; 0.05 max.
W.V.: 6.3V max.; 0.075 max.
I.R.
More than 500M
Ω or 25Ω · F
(whichever is smaller)
Set the capacitor at 40
±2°C and 90 to 95% humidity for 500±12
hours. Remove and let sit for 24
±2 hours at room temperature,
then measure.
15
Humidity
(Steady
State)
Appearance
No marking defects
Capacitance
Change
Within
±12.5%
D.F.
W.V.: 10V min.; 0.05 max.
W.V.: 6.3V max.; 0.075 max.
I.R.
More than 1,000M
Ω or 50Ω · F (whichever is smaller)
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (10).
Perform the five cycles according to the four heat treatments
listed in the following table. Let sit for 24
±2 hours at room
temperature, then measure.
• Initial measurement.
Perform a heat treatment at 150+0/–10
°C for one hour and
then let sit for 24
±2 hours at room temperature. Perform the
initial measurement.
14
Temperature
Cycle
Appearance
No marking defects
Capacitance
Change
Within
±7.5%
D.F.
W.V.: 25V min.; 0.025 max.
W.V.: 16V/10V max.; 0.035 max.
W.V.: 6.3V max.; 0.05 max.
I.R.
More than 10,000M
Ω or 500Ω · F (whichever is smaller)
Dielectric
Strength
No failure
LLL/LLA/LLM Series Specifications and Test Methods (1)
Step
Temp. (
°C)
Time (min.)
1
Min. Operating
Temp. +0/–3
30
±3
2
Room
Temp.
2 to 3
3
Max. Operating
Temp. +3/–0
30
±3
4
Room
Temp.
2 to 3
No.
Test Method
Specifications
Item
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
LLL/LLR/LLA/LLM Series Specifications and Test Methods (1)
84
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to LLL/LLR/LLA/LLM Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to LLL/LLR/LLA/LLM Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com