Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 104 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 104 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 103Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 104Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 105Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 106Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 107Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 108Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 221 page
background image
102
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
250(
2E)
GQM1875C2ER10BB12D
GQM1875C2ER20BB12D
GQM1875C2ER30BB12D
GQM1875C2ER30CB12D
GQM1875C2ER40BB12D
GQM1875C2ER40CB12D
GQM1875C2ER50BB12D
GQM1875C2ER50CB12D
GQM1875C2ER75BB12D
GQM1875C2ER75CB12D
GQM1875C2E1R0BB12D
GQM1875C2E1R0CB12D
GQM1875C2E1R1BB12D
GQM1875C2E1R1CB12D
GQM1875C2E1R2BB12D
GQM1875C2E1R2CB12D
GQM1875C2E1R3BB12D
GQM1875C2E1R3CB12D
GQM1875C2E1R5BB12D
GQM1875C2E1R5CB12D
GQM1875C2E1R6BB12D
GQM1875C2E1R6CB12D
GQM1875C2E1R8BB12D
GQM1875C2E1R8CB12D
GQM1875C2E2R0BB12D
GQM1875C2E2R0CB12D
GQM1875C2E2R2BB12D
GQM1875C2E2R2CB12D
GQM1875C2E2R4BB12D
GQM1875C2E2R4CB12D
GQM1875C2E2R7BB12D
GQM1875C2E2R7CB12D
GQM1875C2E3R0BB12D
GQM1875C2E3R0CB12D
GQM1875C2E3R3BB12D
GQM1875C2E3R3CB12D
GQM1875C2E3R6BB12D
GQM1875C2E3R6CB12D
GQM1875C2E3R9BB12D
GQM1875C2E3R9CB12D
GQM1875C2E4R0BB12D
GQM1875C2E4R0CB12D
GQM1875C2E4R3BB12D
GQM1875C2E4R3CB12D
GQM1875C2E4R7BB12D
GQM1875C2E4R7CB12D
GQM1875C2E5R0BB12D
GQM1875C2E5R0CB12D
100(
2A)
GQM1885C2AR50BB01D
GQM1885C2AR50CB01D
GQM1885C2AR75BB01D
GQM1885C2AR75CB01D
GQM1885C2A1R0BB01D
GQM1885C2A1R0CB01D
GQM1885C2A1R1BB01D
GQM1885C2A1R1CB01D
GQM1885C2A1R2BB01D
GQM1885C2A1R2CB01D
GQM1885C2A1R3BB01D
GQM1885C2A1R3CB01D
GQM1885C2A1R5BB01D
GQM1885C2A1R5CB01D
GQM1885C2A1R6BB01D
GQM1885C2A1R6CB01D
GQM1885C2A1R8BB01D
GQM1885C2A1R8CB01D
GQM1885C2A2R0BB01D
GQM1885C2A2R0CB01D
GQM1885C2A2R2BB01D
GQM1885C2A2R2CB01D
GQM1885C2A2R4BB01D
GQM1885C2A2R4CB01D
GQM1885C2A2R7BB01D
GQM1885C2A2R7CB01D
GQM1885C2A3R0BB01D
GQM1885C2A3R0CB01D
GQM1885C2A3R3BB01D
GQM1885C2A3R3CB01D
GQM1885C2A3R6BB01D
GQM1885C2A3R6CB01D
GQM1885C2A3R9BB01D
GQM1885C2A3R9CB01D
GQM1885C2A4R0BB01D
GQM1885C2A4R0CB01D
GQM1885C2A4R3BB01D
GQM1885C2A4R3CB01D
GQM1885C2A4R7BB01D
GQM1885C2A4R7CB01D
GQM1885C2A5R0BB01D
GQM1885C2A5R0CB01D
1.6x0.8(
18)<0603>
0.10pF(
R10)
0.20pF(
R20)
0.30pF(
R30)
0.40pF(
R40)
0.50pF(
R50)
0.75pF(
R75)
1.0pF(
1R0)
1.1pF(
1R1)
1.2pF(
1R2)
1.3pF(
1R3)
1.5pF(
1R5)
1.6pF(
1R6)
1.8pF(
1R8)
2.0pF(
2R0)
2.2pF(
2R2)
2.4pF(
2R4)
2.7pF(
2R7)
3.0pF(
3R0)
3.3pF(
3R3)
3.6pF(
3R6)
3.9pF(
3R9)
4.0pF(
4R0)
4.3pF(
4R3)
4.7pF(
4R7)
5.0pF(
5R0)
±0.1pF(B)
±0.1pF(B)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
±0.1pF(B)
±0.25pF(C)
Temperature Compensating Type C0G(5C) Characteristics
GQ
M
18
7
5C
2E
R10
B
B12 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com