Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 111 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 111 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 107Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 108Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 109Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 110Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 111Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 112Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 113Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 114Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 115Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 221 page
background image
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GQM Series Specifications and Test Methods
Deflection
12
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 2 using a eutectic solder.
Then apply a force in the direction shown in Fig. 3.
The soldering should be done by the reflow method and should
be conducted with care so that the soldering is uniform and free
of defects such as heat shock.
b
a
c
100
φ4.5
Capacitance meter
Flexure :
V1
20
50
R230
Pressurizing
speed: 1.0mm/sec.
Pressurize
45
45
Fig. 3
t: 1.6mm
Continued from the preceding page.
Item
No.
Test Method
Specifications
75% of the terminations are to be soldered evenly
and continuously.
Solderability of
Termination
13
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion). Preheat at
80 to 120
D for 10 to 30 seconds. After preheating, immerse in
eutectic solder solution for 2
T0.5 seconds at 230T5D or
Sn-3.0Ag-0.5Cu solder solution for 2
T0.5 seconds at 245T5°C.
More than 10,000M
Ω
Within
T2.5% or T0.25 pF
(whichever is larger)
30pF and over: Q
U1400
30pF and below: Q
U800W20C
C: Nominal Capacitance (pF)
Appearance
I.R.
Capacitance
Change
Q
No defects or abnormalities.
The measured and observed characteristics should satisfy the
specifications in the following table.
Resistance
to Soldering
Heat
14
Preheat the capacitor at 120 to 150
D for 1 minute. Immerse the
capacitor in a eutectic solder or Sn-3.0Ag-0.5Cu solder solution
at 270
T5D for 10T0.5 seconds. Let sit at room temperature for
24
T2 hours, then measure.
No defects.
Dielectric
Strength
More than 10,000M
Ω
Within
T2.5% or T0.25pF
(whichever is larger)
30pF and over: Q
U1400
30pF and below: Q
U800W20C
C: Nominal Capacitance (pF)
Appearance
I.R.
Capacitance
Change
Q
No defects or abnormalities.
The measured and observed characteristics should satisfy the
specifications in the following table.
Temperature
Cycle
15
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (10).
Perform the five cycles according to the four heat treatments
listed in the following table.
Let sit for 24
T2 hours at room temperature, then measure.
No defects.
Dielectric
Strength
More than 1,000M
Ω
Within
T5% or T0.5pF
(whichever is larger)
30pF and over: Q
U350
10pF and over, 30pF and below: Q
U275+5C/2
10pF and below: Q
U200W10C
C: Nominal Capacitance (pF)
Appearance
I.R.
Capacitance
Change
Q
No defects or abnormalities.
The measured and observed characteristics should satisfy the
specifications in the following table.
Humidity
Steady
State
16
Set the capacitor at 40
T2D and in 90 to 95% humidity for
500
T12 hours.
Remove and set for 24
T2 hours at room temperature, then
measure.
(in mm)
Fig. 2
Type
a
b
c
GQM18
GQM21
GQM22
1.0
1.2
2.2
3.0
4.0
5.0
1.2
1.65
2.9
Step
1234
Temp. (
D)
Time (min.)
Min. Operating
Temp.
W0/Y3
Room
Temp.
Max. Operating
Temp.
W3/Y0
Room
Temp.
30
T3
2 to 3
30
T3
2 to 3
Continued on the following page.
Within
T5% or T0.5pF
(whichever is larger)
Capacitance
Change
No defects or abnormalities.
Appearance
GQM Series Specifications and Test Methods
109
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com