Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 118 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 118 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 114Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 115Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 116Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 117Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 118Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 119Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 120Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 121Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 122Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 221 page
background image
Continued from the preceding page.
A voltage treatment should be given to the capacitor, in which a
DC voltage of 200% the rated voltage is applied for one hour at
the maximum operating temperature;
±3°C then it should be set
for 24
±2 hours at room temperature and the initial measurement
should be conducted.
Then apply the above mentioned voltage continuously for
1000
±12 hours at the same temperature, remove it from the
bath, and set it for 24
±2 hours at room temperature, then
measure. The charge/discharge current is less than 50mA.
15
High
Temperature
Load
Appearance
No defects or abnormalities
Capacitance
Change
R7: Within
±12.5%
D.F.
R7: W.V.: 10V min.; 0.05 max.
I.R.
More than 1,000M
Ω or 50ΩF
(whichever is smaller)
Apply the rated voltage for 500
±12 hours at 40±2°C, in 90 to
95% humidity and set it for 24
±2 hours at room temperature,
then measure. The charge/discharge current is less than 50mA.
14
Humidity
Load
Appearance
No defects or abnormalities
Capacitance
Change
R7: Within
±12.5%
D.F.
R7: W.V.: 10V min.; 0.05 max.
I.R.
More than 500M
Ω or 25ΩF
(whichever is smaller)
Set the capacitor for 500
±12 hours at 40±2°C, in 90 to 95%
humidity.
Take it out and set it for 24
±2 hours at room temperature, then
measure.
13
Humidity
(Steady State)
Appearance
No defects or abnormalities
Capacitance
Change
R7: Within
±12.5%
D.F.
R7: W.V.: 10V min.; 0.05 max.
I.R.
More than 1,000M
Ω or 50ΩF
(whichever is smaller)
Mounting for testing: The capacitors should be mounted on the substrate as shown below using die bonding and wire bonding when tests No. 11 to 15 are performed.
GMA Series Specifications and Test Methods (1)
Alumina substrate
Gold land
Alumina substrate
Capacitor
Die bond
Gold wire
Gold land
No.
Test Method
Specifications
Item
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GMA Series Specifications and Test Methods (1)
116
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
When no "*" is added in PNs table, please refer to GMA Series Specifications and Test Methods (1).
When "*" is added in PNs table, please refer to GMA Series Specifications and Test Methods (2).
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com