Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 152 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 152 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 148Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 149Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 150Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 151Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 152Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 153Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 154Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 155Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 156Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 221 page
background image
Notice
1. Transportation
1. The performance of a capacitor may be affected by the
conditions during transportation.
1-1. The capacitors shall be protected against
excessive temperature, humidity and mechanical
force during transportation.
(1) Climatic condition
• low air temperature: -40
°C
• change of temperature air/air: -25
°C/+25°C
• low air pressure: 30 kPa
• change of air pressure: 6 kPa/min.
(2) Mechanical condition
Transportation shall be done in such a way that
the boxes are not deformed and forces are not
directly passed on to the inner packaging.
1-2. Do not apply excessive vibration, shock, and
pressure to the capacitor.
(1) When excessive mechanical shock or pressure
is applied to a capacitor, chipping or cracking
may occur in the ceramic body of the capacitor.
(2) When the sharp edge of an air driver, a
soldering iron, tweezers, a chassis, etc.
impacts strongly on the surface of capacitor,
the capacitor may crack and short-circuit.
1-3. Do not use a capacitor to which excessive shock
was applied by dropping, etc.
The capacitor dropped accidentally during
processing may be damaged.
s Others
Notice
150
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com