Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 188 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 188 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 184Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 185Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 186Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 187Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 188Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 189Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 190Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 191Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 192Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 221 page
background image
187
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
AC250V Type (Which Meet Japanese Law) GA2 Series
s Features
1. Chip monolithic ceramic capacitor for AC lines.
2. A new monolithic structure for small, high
capacitance capable of operating at high voltage
levels.
3. Sn-plated external electrodes realize good
solderability.
4. Only for reflow soldering
5. Capacitance 0.01 to 0.1uF for connecting lines and
470 to 4700pF for connecting lines to earth.
s Applications
Noise suppression filters for switching power supplies,
telephones, facsimiles, modems.
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
s Reference Standard
GA2 series obtains no safety approval.
This series is based on the standards of the
electrical appliance and material safety law of Japan
(separated table 4).
Part Number
LW
T
Dimensions (mm)
g min.
e min.
2.0
±0.2
GA242Q
2.5
3.2
0.3
4.5
±0.3
1.5 +0, -0.3
3.2
±0.3
GA243D
4.5
±0.4
2.0 +0, -0.3
GA243Q
1.5 +0, -0.3
5.0
±0.4
GA255D
5.7
±0.4
2.0 +0, -0.3
L
W
e
e
g
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GA242QR7E2471MW01L
AC250 (r.m.s.)
X7R (EIA)
470pF
±20%
4.5
2.0
1.5
2.5
0.3 min.
GA242QR7E2102MW01L
AC250 (r.m.s.)
X7R (EIA)
1000pF
±20%
4.5
2.0
1.5
2.5
0.3 min.
GA243QR7E2222MW01L
AC250 (r.m.s.)
X7R (EIA)
2200pF
±20%
4.5
3.2
1.5
2.5
0.3 min.
GA243QR7E2332MW01L
AC250 (r.m.s.)
X7R (EIA)
3300pF
±20%
4.5
3.2
1.5
2.5
0.3 min.
GA243DR7E2472MW01L
AC250 (r.m.s.)
X7R (EIA)
4700pF
±20%
4.5
3.2
2.0
2.5
0.3 min.
GA243QR7E2103MW01L
AC250 (r.m.s.)
X7R (EIA)
10000pF
±20%
4.5
3.2
1.5
2.5
0.3 min.
GA243QR7E2223MW01L
AC250 (r.m.s.)
X7R (EIA)
22000pF
±20%
4.5
3.2
1.5
2.5
0.3 min.
GA243DR7E2473MW01L
AC250 (r.m.s.)
X7R (EIA)
47000pF
±20%
4.5
3.2
2.0
2.5
0.3 min.
GA255DR7E2104MW01L
AC250 (r.m.s.)
X7R (EIA)
0.10
µF ±20%
5.7
5.0
2.0
3.2
0.3 min.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com