Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 16 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 16 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 12Page - Texas Instruments COMBOSOLAR Datasheet HTML 13Page - Texas Instruments COMBOSOLAR Datasheet HTML 14Page - Texas Instruments COMBOSOLAR Datasheet HTML 15Page - Texas Instruments COMBOSOLAR Datasheet HTML 16Page - Texas Instruments COMBOSOLAR Datasheet HTML 17Page - Texas Instruments COMBOSOLAR Datasheet HTML 18Page - Texas Instruments COMBOSOLAR Datasheet HTML 19Page - Texas Instruments COMBOSOLAR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
−40
−30
−20
−10
0
10
20
30
40
10k
100k
1M
10M 20M
Frequency (Hz)
Gain = 1 V/V
Gain = 0.707 V/V
Gain = 0.5 V/V
Gain = 0.25 V/V
G005
−40
−30
−20
−10
0
10
20
30
40
10k
100k
1M
10M
100M
Frequency (Hz)
Gain = 2 V/V
Gain = 1 V/V
Gain = 0.5 V/V
Gain = 0.25 V/V
G006
−40
−30
−20
−10
0
10
20
30
40
50
60
10k
100k
1M
10M
Frequency (Hz)
G003
0
5
10
15
20
25
1k
10k
100k
1M
10M
Frequency (Hz)
PA Supply = 24V
PA Supply = 15V
PA Supply = 12V
G004
−60
−50
−40
−30
−20
−10
0
10
20
10k
100k
1M
Frequency (Hz)
CENELEC A
CENELEC B,C,D
G001
−60
−50
−40
−30
−20
−10
0
10
20
10k
100k
1M
Frequency (Hz)
CENELEC A
CENELEC B,C,D
G002
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
Tx Filter GAIN vs FREQUENCY
Rx Filter GAIN vs FREQUENCY
Figure 5.
Figure 6.
PA GAIN vs FREQUENCY
MAXIMUM PA OUTPUT VOLTAGE vs FREQUENCY
Figure 7.
Figure 8.
Tx PGA GAIN vs FREQUENCY
Rx PGA1 GAIN vs FREQUENCY
Figure 9.
Figure 10.
16
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com