Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 3 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 3 Page - Texas Instruments

  COMBOSOLAR Datasheet HTML 1Page - Texas Instruments COMBOSOLAR Datasheet HTML 2Page - Texas Instruments COMBOSOLAR Datasheet HTML 3Page - Texas Instruments COMBOSOLAR Datasheet HTML 4Page - Texas Instruments COMBOSOLAR Datasheet HTML 5Page - Texas Instruments COMBOSOLAR Datasheet HTML 6Page - Texas Instruments COMBOSOLAR Datasheet HTML 7Page - Texas Instruments COMBOSOLAR Datasheet HTML 8Page - Texas Instruments COMBOSOLAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS: Transmitter (Tx)
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
AFE031
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Tx_DAC
Output range
GND + 0.1
AVDD – 0.1
V
Resolution
1,024 steps, 10-bit DAC
3.2
mV
Total harmonic distortion at
THD
62.5 kHz(1)
Second harmonic distortion
–73
dB
Third harmonic distortion
–56
dB
Fourth harmonic distortion
–94
dB
Data rate
1.5
MSPS
Tx_PGA
Input
Input voltage range
GND – 0.1
AVDD + 0.1
V
G = 1 V/V
58
k
Ω
G = 0.707 V/V
68
k
Ω
Input resistance
RI
G = 0.5 V/V
77
k
Ω
G = 0.25 V/V
92
k
Ω
Frequency Response
DAC mode enabled
G = 1 V/V
8
MHz
Bandwidth
BW
G = 0.707 V/V
9
MHz
G = 0.5 V/V
10
MHz
G = 0.25 V/V
12
MHz
Output
Voltage output swing from
VO
RLOAD = 10 kΩ, connected to AVDD/2
10
100
mV
AGND or AVDD
Sourcing
25
mA
Maximum continuous
IO
current, dc
Sinking
25
mA
Output resistance
RO
f = 100 kHz
1
Ω
Gain
Gain error
For all gains
–1
±0.1
+1
%
Gain error drift
TJ = –40°C to +125°C
6
ppm/°C
(1)
Total harmonic distortion measured at output of Tx_PGA configured in a gain of 1 V/V with an amplitude of 3 VPP, at a 1-MHz sample
rate.
Copyright © 2010–2012, Texas Instruments Incorporated
3
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com