Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 17 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 17 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 13Page - Texas Instruments COMBOSOLAR Datasheet HTML 14Page - Texas Instruments COMBOSOLAR Datasheet HTML 15Page - Texas Instruments COMBOSOLAR Datasheet HTML 16Page - Texas Instruments COMBOSOLAR Datasheet HTML 17Page - Texas Instruments COMBOSOLAR Datasheet HTML 18Page - Texas Instruments COMBOSOLAR Datasheet HTML 19Page - Texas Instruments COMBOSOLAR Datasheet HTML 20Page - Texas Instruments COMBOSOLAR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G011
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G012
50
75
100
125
150
175
200
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
CENELEC BCD, Tx and Rx
CENELEC A, Tx and Rx
G009
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G010
−40
−30
−20
−10
0
10
20
30
40
50
60
10k
100k
1M
10M
100M
Frequency (Hz)
Gain = 64 V/V
Gain = 16 V/V
Gain = 4 V/V
Gain = 1 V/V
G007
−40
−30
−20
−10
0
10
20
10k
100k
1M
Frequency (Hz)
G008
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
Rx PGA2 GAIN vs FREQUENCY
TWO-WIRE RECEIVER GAIN vs FREQUENCY
Figure 11.
Figure 12.
FILTER CUTOFF vs TEMPERATURE
Tx PGA GAIN ERROR vs TEMPERATURE
Figure 13.
Figure 14.
PA GAIN ERROR vs TEMPERATURE
Rx PGA1 GAIN ERROR vs TEMPERATURE
Figure 15.
Figure 16.
Copyright © 2010–2012, Texas Instruments Incorporated
17
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com