Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 28 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 28 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 24Page - Texas Instruments COMBOSOLAR Datasheet HTML 25Page - Texas Instruments COMBOSOLAR Datasheet HTML 26Page - Texas Instruments COMBOSOLAR Datasheet HTML 27Page - Texas Instruments COMBOSOLAR Datasheet HTML 28Page - Texas Instruments COMBOSOLAR Datasheet HTML 29Page - Texas Instruments COMBOSOLAR Datasheet HTML 30Page - Texas Instruments COMBOSOLAR Datasheet HTML 31Page - Texas Instruments COMBOSOLAR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
C3
C4
R2
R3
L1
L2
From line coupling
circuit
C
1
1
2
f
p
R
· · · IN,PGA2
C =
2
Rx C1
Rx C2
330 W
To ADC
input on MCU
LPF
PGA
PGA
Note (2)
Inside the AFE031
Rx_PGA1_OUT
Rx_F_IN
Rx_PGA1_
IN
Rx_PGA2_
OUT
Rx_F_
OUT
RX_PGA2_IN
C
2
1
2
f
p
R
· · · IN,PGA1
C =
1
Note (1)
Rx_C1
Rx_C2
See Note (3)
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
The Rx PGA1, Rx Filter, and Rx PGA2 components have all inputs and outputs externally available to provide
maximum system design flexibility. Care should be taken when laying out the PCB traces from the inputs or
outputs to avoid excessive capacitive loading. Keeping the PCB capacitance from the inputs to ground, or
outputs to ground, below 100 pF is recommended.
Figure 34 shows the complete Rx signal path, including the optional passive passband filter.
(1)
For capacitor value C1,f is the desired lower cutoff frequency and RIN,PGA1 is the input resistance of Rx PGA1.
(2)
For capacitor value C2,f is the desired lower cutoff frequency and RIN,PGA2 is the input resistance of Rx PGA2.
(3)
Refer to Table 3.
Figure 34. Complete Rx Signal Path (with Optional Bandpass Filter)
DAC Block
The DAC block consists only of the 10-bit DAC. The use of the DAC is recommended for best performance. The
serial interface is used to write directly to the DAC registers when the DAC pin (pin 7) is driven high. Placing the
DAC pin into a high state configures the SPI for direct serial interface to the DAC. Use the following sequence to
write to the DAC:
•
Set CS low.
•
Set the DAC pin (pin 7) high.
•
Write a 10-bit word to DIN. The DAC register is left-justified and truncates more than 10 bits.
•
CS high updates the DAC.
Refer to Figure 35 for an illustration of this sequence.
28
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com