Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 41 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 41 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 37Page - Texas Instruments COMBOSOLAR Datasheet HTML 38Page - Texas Instruments COMBOSOLAR Datasheet HTML 39Page - Texas Instruments COMBOSOLAR Datasheet HTML 40Page - Texas Instruments COMBOSOLAR Datasheet HTML 41Page - Texas Instruments COMBOSOLAR Datasheet HTML 42Page - Texas Instruments COMBOSOLAR Datasheet HTML 43Page - Texas Instruments COMBOSOLAR Datasheet HTML 44Page - Texas Instruments COMBOSOLAR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
0.1 F
m
10 kW
(typ)
10 kW
(typ)
10 kW
(typ)
10 kW
(typ)
TMP411
D+
D-
V+
1
8
7
6
4
5
3
2
GND
SCL
SDA
ALERT/THERM2
THERM
+3.3 V
SMBus
Controller
Over-Temperature
Fault
50 pF
50 W
TSENSE
AFE031
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
Table 18 lists the register contents associated with each interrupt condition.
Table 18. Register Contents to Configure the Interrupt Pin
CONTROL2 REGISTER CONTENTS:
DETERMINE INTERRUPT PIN FUNCTIONALITY
I_FLAG_EN
T_FLAG_EN
(CURRENT
(THERMAL
OVERLOAD)
OVERLOAD)
FUNCTION
D7
D6
D5
POR (default values)
undefined
0
0
No interrupt
0
0
0
Interrupt on thermal overload only
0
0
1
Interrupt on current overload only
0
1
0
Interrupt on thermal or current
0
1
1
overload
TSENSE Pin (10)
The TSENSE pin is internally connected to the anode of a temperature-sensing diode located within the PA
output stage. Figure 45 shows a remote junction temperature sensor circuit that can be used to measure the
junction temperature of AFE031. Measuring the junction temperature of the AFE031 is optional and not required.
Figure 45. Interfacing the TMP411 to the AFE031
Tx_FLAG (Pin 47)
The Tx_FLAG pin is an open drain output that indicates the readiness of the Tx signal path for transmission.
When the Tx_FLAG pin is high, the transmit signal path is enabled and ready for transmission. When the
Tx_FLAG pin is low, the transmit path is not ready for transmission.
Rx_FLAG (Pin 48)
The Rx_FLAG pin is an open drain output that indicates the readiness of the Rx signal path for transmission.
When the Rx_FLAG pin is high, the transmit signal path is enabled and ready for transmission. When the
Rx_FLAG pin is low, the transmit path is not ready for transmission.
Copyright © 2010–2012, Texas Instruments Incorporated
41
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com