Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 37 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 37 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 33Page - Texas Instruments COMBOSOLAR Datasheet HTML 34Page - Texas Instruments COMBOSOLAR Datasheet HTML 35Page - Texas Instruments COMBOSOLAR Datasheet HTML 36Page - Texas Instruments COMBOSOLAR Datasheet HTML 37Page - Texas Instruments COMBOSOLAR Datasheet HTML 38Page - Texas Instruments COMBOSOLAR Datasheet HTML 39Page - Texas Instruments COMBOSOLAR Datasheet HTML 40Page - Texas Instruments COMBOSOLAR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
Table 12. Control1 Register: Address 0x04
Default: 0x00
Control1 Register <7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
This bit is used to enable/disable the TX calibration mode.
TX_CAL
0
0
R/W
0 = disabled, 1 = enabled.
This bit is used to enable/disable the RX calibration mode.
RX_CAL
1
0
R/W
0 = disabled, 1 = enabled.
This bit is used to enable/disable the TX PGA calibration mode.
TX_PGA_CAL
2
0
R/W
0 = disabled, 1 = enabled.
This bit is used to select the frequency response of the Tx Filter
and Rx Filter.
CA_CBCD
3
0
R/W
0 = CENELEC A
1 = CENELEC B, C, D
--
4
0
--
Reserved
--
5
0
--
Reserved
This bit is used to indicate the status of the Tx Block.
TX_FLAG
6
0
R
0 = Tx Block is not ready for transmission.
1 = Tx Block is ready for transmission.
This bit is used to indicate the status of the Rx Block.
RX_FLAG
7
0
R
0 = Rx Block is not ready for reception.
1 = Rx Block is ready for reception.
Table 13. Control2 Register: Address 0x05
Default: 0x01
Control2 Register <7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
--
0
0
--
Reserved
--
1
0
--
Reserved
--
2
0
--
Reserved
--
3
0
--
Reserved
--
4
0
--
Reserved
This bit is used to enable/disable the T_flag bit in the RESET
T_FLAG_EN
5
0
R/W
Register.
0 = disabled, 1 = enabled.
This bit is used to enable/disable the I_flag bit in the RESET
I_FLAG_EN
6
0
R/W
Register.
0 = disabled, 1 = enabled.
--
7
X
--
Reserved
Copyright © 2010–2012, Texas Instruments Incorporated
37
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com