Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 10 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 6Page - Texas Instruments COMBOSOLAR Datasheet HTML 7Page - Texas Instruments COMBOSOLAR Datasheet HTML 8Page - Texas Instruments COMBOSOLAR Datasheet HTML 9Page - Texas Instruments COMBOSOLAR Datasheet HTML 10Page - Texas Instruments COMBOSOLAR Datasheet HTML 11Page - Texas Instruments COMBOSOLAR Datasheet HTML 12Page - Texas Instruments COMBOSOLAR Datasheet HTML 13Page - Texas Instruments COMBOSOLAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: Power Supply
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
AFE031
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Supply Range
Power amplifier supply voltage
PA_VS
+7
+24
V
Digital supply voltage
DVDD
+3.0
+3.6
V
Analog supply voltage
AVDD
+3.0
+3.6
V
Quiescent Current
SD pin low
IO = 0, PA = On
(1)
49
61
mA
Power amplifier current
IQPA_VS
IO = 0, PA = Off
(2)
10
μA
Tx configuration(3)
1.2
mA
Digital supply current
IQDVDD
Rx configuration(4)
5
μA
All blocks disabled(5)
5
μA
Tx configuration(3)
2.8
3.7
mA
Analog supply current
IQAVDD
Rx configuration(4)
3.6
5.3
mA
All blocks disabled(5)
30
μA
Shutdown (SD)
Power amplifier supply voltage
PA_VS
SD pin high
75
150
μA
Digital supply voltage
DVDD
SD pin high
5
10
μA
Analog supply voltage
AVDD
SD pin high
15
40
μA
Temperature
Specified range
–40
+125
°C
(1)
Enable1 Register = 00100011, Enable2 Register = 00001110.
(2)
Enable1 Register = 00000100, Enable2 Register = 00000110.
(3)
In the Tx configuration, the following blocks are enabled: DAC, Tx, PA, REF1, and REF2. All other blocks are disabled. Enable1
Register = 00100011, Enable2 Register = 00001110.
(4)
In the Rx configuration, the following blocks are enabled: Rx, REF1, and REF2. All other blocks are disabled. Enable1 Register =
00000100, Enable2 Register = 00000110.
(5)
Enable1 Register = 00000000, Enable2 Register = 00000000.
THERMAL INFORMATION
AFE031
THERMAL METRIC(1)
RGZ (QFN)
UNITS
48 PINS
θJA
Junction-to-ambient thermal resistance
27.8
θJCtop
Junction-to-case (top) thermal resistance
12.1
θJB
Junction-to-board thermal resistance
7.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
7.4
θJCbot
Junction-to-case (bottom) thermal resistance
1.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
10
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com