Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 47 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 47 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 43Page - Texas Instruments COMBOSOLAR Datasheet HTML 44Page - Texas Instruments COMBOSOLAR Datasheet HTML 45Page - Texas Instruments COMBOSOLAR Datasheet HTML 46Page - Texas Instruments COMBOSOLAR Datasheet HTML 47Page - Texas Instruments COMBOSOLAR Datasheet HTML 48Page - Texas Instruments COMBOSOLAR Datasheet HTML 49Page - Texas Instruments COMBOSOLAR Datasheet HTML 50Page - Texas Instruments COMBOSOLAR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
AFE031
Less than 1%
~20%
~80%
~20%
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
Figure 53. Heat Flow in the QFN Package
The exposed thermal pad must be soldered to the PCB thermal pad. The thermal pad on the PCB should be the
same size as the exposed thermal pad on the underside of the QFN package. Refer to Application Report,
QFN/SON PCB Attachment, literature number SLUA271A, for recommendations on attaching the thermal pad to
the PCB. Figure 54 illustrates the direction of heat spreading into the PCB from the device.
Figure 54. Heat Spreading into PCB
The heat spreading into the PCB is maximized if the thermal path is uninterrupted. Best results are achieved if
the heat-spreading surfaces are filled with copper to the greatest extent possible, maximizing the percent area
covered on each layer. As an example, a thermally robust, multilayer PCB design may consist of four layers with
copper (Cu) coverage of 60% in the top layer, 85% and 90% in the inner layers, respectively, and 95% on the
bottom layer.
Copyright © 2010–2012, Texas Instruments Incorporated
47
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com