Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 44 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 44 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 40Page - Texas Instruments COMBOSOLAR Datasheet HTML 41Page - Texas Instruments COMBOSOLAR Datasheet HTML 42Page - Texas Instruments COMBOSOLAR Datasheet HTML 43Page - Texas Instruments COMBOSOLAR Datasheet HTML 44Page - Texas Instruments COMBOSOLAR Datasheet HTML 45Page - Texas Instruments COMBOSOLAR Datasheet HTML 46Page - Texas Instruments COMBOSOLAR Datasheet HTML 47Page - Texas Instruments COMBOSOLAR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
C10
10 nF
C1
C2
R11
330 W
See Note (1)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SPI
DAC
Registers
DAC
Tx
PGA
Tx
Filter
LPF
LPF
Power
Amplifier
Rx
PGA2
Rx
PGA1
Rx
Filter
Two-Wire
Support
Circuitry
Tx
Rx
LPF
Zero
Crossing
R3
33 kW
R4
10 kW
R5
10 kW
R1
33 kW
R2
33 kW
R6 through R9
10 k
each
W
3.3 V
3.3 V
+15 V
3.3 V
3.3 V
3.3 V
GPIO
GPIO
SPI
SPI
SPI
SPI
GPIO
GPIO
GPIO
TMS320F28x
Flexible PLC
Software Engine
C12
1 F
m
C11
10 nF
C19
33 nF
C20
22 nF
L3
330 H
m
L2
15 H
m
L1
1 H
m
R14
150 W
R13
150 W
23 kHz to
105 kHz
Fourth-Order
Passive
Passband
Filter
R10
7.5 kW
C9
1 nF
C7
10 nF
C4
10 F
m
ADC IN
Test
Point
C3
10 F
m
C18
470 nF
+
+
N1
N2
1.5:1
See Note (2)
R12
4.7 W
C17
10 nF
D4
TVS
C6
10 F
m
Phase
Neutral
Line Coupling Circuit
C13
10 F
m
C5
10 F
m
C14
10 F
m
C15
10 F
m
C16
100 nF
D2
D3
D1
L4
470 H
m
C8
3.3 nF
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
(1)
Recommended values for C1 and C2:
1.
C1:
–
CENELEC A: 680 pF
–
CENELEC B, C, D: 270 pF
2.
C2:
–
CENELEC A: 680 pF
–
CENELEC B, C, D: 560 pF
Figure 49. Typical Powerline Communications Modem Application
44
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com