Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 48 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 48 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 44Page - Texas Instruments COMBOSOLAR Datasheet HTML 45Page - Texas Instruments COMBOSOLAR Datasheet HTML 46Page - Texas Instruments COMBOSOLAR Datasheet HTML 47Page - Texas Instruments COMBOSOLAR Datasheet HTML 48Page - Texas Instruments COMBOSOLAR Datasheet HTML 49Page - Texas Instruments COMBOSOLAR Datasheet HTML 50Page - Texas Instruments COMBOSOLAR Datasheet HTML 51Page - Texas Instruments COMBOSOLAR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
35
33
31
29
27
25
23
21
19
17
15
0.5
1
1.5
2
2.5
Cu Thickness (oz)
Four-Layer PCB, PCB
Area = 4.32 in , 2 oz Cu
(Results are from thermal
simulations)
2
28
26
24
22
20
18
16
14
12
10
2
4
6
8
10
12
14
PCB Area (in )
2
THERMAL RESISTANCE vs BOARD AREA
Four-Layer PCB, 2 oz Cu
(Results are from thermal
simulations)
1
2
3
4
5
6
7
8
Number of Layers
36
34
32
30
28
26
24
22
20
THERMAL RESISTANCE vs NUMBER OF PCB LAYERS
PCB Area = 3 in , 2 oz Cu
(Results are from thermal
simulations)
2
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
Increasing the number of layers in the PCB, using thicker copper, and increasing the PCB area are all factors
that improve the spread of heat. Figure 55 through Figure 57, respectively, show thermal resistance performance
as a function of each of these factors.
Figure 55. Thermal Resistance as a Function of the Number of Layers in the PCB
Figure 56. Thermal Resistance as a Function of PCB Area
Figure 57. Thermal Resistance as a Function of Copper Thickness
48
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com