Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 24 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 24 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 20Page - Texas Instruments COMBOSOLAR Datasheet HTML 21Page - Texas Instruments COMBOSOLAR Datasheet HTML 22Page - Texas Instruments COMBOSOLAR Datasheet HTML 23Page - Texas Instruments COMBOSOLAR Datasheet HTML 24Page - Texas Instruments COMBOSOLAR Datasheet HTML 25Page - Texas Instruments COMBOSOLAR Datasheet HTML 26Page - Texas Instruments COMBOSOLAR Datasheet HTML 27Page - Texas Instruments COMBOSOLAR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
C
LPF
MCU
PGA
PA
1
2
f 22 k
p
W
· · ·
C =
Note (3)
Tx_F_OUT
Tx_PGA_
IN
Tx_F_IN1
PA_OUT1
PA_OUT2
Tx_PGA_
OUT
Tx_F_IN2
PA_IN
C
C
GPIO
Note (1)
Inside the AFE031
510 W
510 W
Note (2)
LPF
MCU
PGA
PA
1
2
f 22 k
p
W
· · ·
C =
Note (2)
Inside the AFE031
Tx_F_OUT
Tx_PGA_
IN
Tx_F_IN1
PA_OUT1
PA_OUT2
Tx_PGA_
OUT
Tx_F_IN2
PA_IN
C
GPIO
GPIO
Note (1)
43 kW
43 kW
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
(1)
When using both Tx Filter inputs, use 43-k
Ω resistors to match the input resistance for best frequency response.
(2)
For capacitor value C, f is the desired lower cutoff frequency and 22 k
Ω is the PA input resistance.
Figure 29. Recommended Tx Signal Chain Connections in PWM Mode Using Two PWM Signals
In PWM mode, there is inherently more distortion from the PWM signal than from the internal DAC. To achieve
the best results in PWM mode, add passive RC filters to increase the low-pass filtering. Figure 30 and Figure 31
illustrate the recommended locations of these RC filters.
(1)
Leave unused Tx Filter input unconnected.
(2)
Refer to Table 2.
(3)
For capacitor value C, f is the desired lower cutoff frequency and 22 k
Ω is the PA input resistance.
Figure 30. Recommended Tx Signal Chain Connections in PWM Mode
Using One PWM Signal and Additional RC Filters
24
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com