Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 6 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 2Page - Texas Instruments COMBOSOLAR Datasheet HTML 3Page - Texas Instruments COMBOSOLAR Datasheet HTML 4Page - Texas Instruments COMBOSOLAR Datasheet HTML 5Page - Texas Instruments COMBOSOLAR Datasheet HTML 6Page - Texas Instruments COMBOSOLAR Datasheet HTML 7Page - Texas Instruments COMBOSOLAR Datasheet HTML 8Page - Texas Instruments COMBOSOLAR Datasheet HTML 9Page - Texas Instruments COMBOSOLAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: Receiver (Rx)
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
AFE031
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Rx PGA1
Input
Input voltage range
10
VPP
G = 2 V/V
10
k
Ω
G = 1 V/V
15
k
Ω
Input resistance
RI
G = 0.5 V/V
20
k
Ω
G = 0.25 V/V
24
k
Ω
Frequency Response
G = 2 V/V
6
MHz
G = 1 V/V
10
MHz
Bandwidth
BW
G = 0.5 V/V
13
MHz
G = 0.25 V/V
15
MHz
Output
Voltage output swing from
VO
RLOAD = 6 kΩ, connected to AVDD/2
10
100
mV
AGND or AVDD
Sourcing
25
mA
Maximum continuous current, dc
IO
Sinking
25
mA
Output resistance
RO
G = 1, f = 100 kHz
1
Ω
Gain
G = 0.25 V/V
–1
±0.1
+1
%
G = 0.5 V/V
–1
±0.1
+1
%
Gain error
G = 1 V/V
–1
±0.1
+1
%
G = 2 V/V
–2
±0.2
+2
%
Gain error drift
TJ = –40°C to +125°C
1
ppm/°C
Rx Filter
Input
Input voltage range
GND – 0.1
AVDD + 0.1
V
Input resistance
RIN
6
k
Ω
Frequency Response
CENELEC A Mode
Rx_C1 = 680 pF, Rx_C2 = 680 pF
Passband frequency
–3 dB
90
kHz
Stop band attentuation
–25
–33
dB
Stop band frequency
270
kHz
Filter gain
0
dB
CENELEC B/C/D Modes
Rx_C1 = 270 pF, Rx_C2 = 560 pF
Passband frequency
–3 dB
145
kHz
Stop band attentuation
–23
–27
dB
Stop band frequency
350
kHz
Filter gain
0
dB
Output
Voltage output swing from
VO
RLOAD = 10 kΩ, connected to AVDD/2
10
100
mV
AGND or AVDD
Sourcing
25
mA
Maximum continuous current, dc
IO
Sinking
25
mA
Output resistance
RO
f = 100 kHz
5
Ω
6
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com