Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 25 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 25 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 21Page - Texas Instruments COMBOSOLAR Datasheet HTML 22Page - Texas Instruments COMBOSOLAR Datasheet HTML 23Page - Texas Instruments COMBOSOLAR Datasheet HTML 24Page - Texas Instruments COMBOSOLAR Datasheet HTML 25Page - Texas Instruments COMBOSOLAR Datasheet HTML 26Page - Texas Instruments COMBOSOLAR Datasheet HTML 27Page - Texas Instruments COMBOSOLAR Datasheet HTML 28Page - Texas Instruments COMBOSOLAR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
C
LPF
PGA
PA
1
2
f 22 k
p
W
· · ·
C =
Note (3)
Tx_F_OUT
Tx_PGA_
IN
PA_OUT1
PA_OUT2
Tx_PGA_
OUT
PA_IN
C
C
Inside the AFE031
510 W
510 W
Note (2)
MCU
Tx_F_IN1
Tx_F_IN2
GPIO
GPIO
Note (1)
43 kW
43 kW
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
(1)
When using both Tx Filter inputs, use 43-k
Ω resistors to match the input resistance for best frequency response.
(2)
Refer to Table 2.
(3)
For capacitor value C, f is the desired lower cutoff frequency and 22 k
Ω is the PA input resistance.
Figure 31. Recommended Tx Signal Chain Connections in PWM Mode
Using Two PWM Signals and Additional RC Filters
For the capacitors listed in Table 2, it is recommended that these components be rated to withstand the full AVDD
power-supply voltage.
Table 2. Recommended External R and C Values to
Increase Tx Filter Response Order in PWM
Applications
FREQUENCY BAND
R (
Ω)
C (nF)
SFSK: 63 kHz, 74 kHz
510
2.7
CENELEC A
510
1.5
CENELEC B, C, D
510
1
The Tx PGA and Tx Filter each have the inputs and outputs externally available in order to provide maximum
system design flexibility. Care should be taken when laying out the PCB traces from the inputs or outputs to
avoid excessive capacitive loading. Keeping the PCB capacitance from the inputs to ground, or from the outputs
to ground, less than 100 pF is recommended.
Rx Block
The Rx block consists of Rx PGA1, the Rx Filter, and Rx PGA2. Both Rx PGA1 and Rx PGA2 are high-
performance programmable gain amplifiers. Rx PGA1 can be configured through the SPI to operate as either an
attenuator or in gain. The gain steps of the Rx PGA1 are 0.25 V/V, 0.5 V/V, 1 V/V, and 2 V/V. The gain steps of
the Rx PGA2 are 1 V/V, 4 V/V, 16 V/V, and 64 V/V. Configuring the Rx PGA1 as an attenuator (at gains less
than 1 V/V) is useful for applications where the presence of large interference signals are present within the
signal band. Attenuating the large interference allows these signals to pass through the analog Rx signal chain
without causing an overload; the interference signal can then be processed and removed within the
microprocessor as necessary.
Copyright © 2010–2012, Texas Instruments Incorporated
25
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com