Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 31 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 31 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 27Page - Texas Instruments COMBOSOLAR Datasheet HTML 28Page - Texas Instruments COMBOSOLAR Datasheet HTML 29Page - Texas Instruments COMBOSOLAR Datasheet HTML 30Page - Texas Instruments COMBOSOLAR Datasheet HTML 31Page - Texas Instruments COMBOSOLAR Datasheet HTML 32Page - Texas Instruments COMBOSOLAR Datasheet HTML 33Page - Texas Instruments COMBOSOLAR Datasheet HTML 34Page - Texas Instruments COMBOSOLAR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
0.0
3.3
Time (5 ms/div)
0
50
100
350
0
-350
+
330 kW
330 kW
330 kW
120 VAC
to 240 VAC
50/60 Hz
ZLLS410 or
equivalent
ZLLS410 or
equivalent
AVDD
3.3 V
ZC
IN
ZC
OUT
AV
DD
AGND
Zero
Crossing
Inside the AFE031
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
Zero Crossing Detector Block
The AFE031 includes two zero crossing detectors. Zero crossing detectors can be used to synchronize
communications signals to the ac line or sources of noise. Typically, in single-phase applications, only a single
zero crossing detector is used. In three-phase applications, both zero crossing detectors can be used; one
component detects phase A, and one detects phase B. Phase C zero crossings can then be inferred from the
data gathered from the other phases. Figure 38 shows the AFE031 configured for non-isolated zero crossing
detection.
Figure 38. Non-Isolated Zero Crossing Detection Using the AFE031
Non-isolated zero crossing waveforms are shown in Figure 39.
Figure 39. Non-Isolated Zero Crossing Waveforms
Copyright © 2010–2012, Texas Instruments Incorporated
31
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com