Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 9 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 5Page - Texas Instruments COMBOSOLAR Datasheet HTML 6Page - Texas Instruments COMBOSOLAR Datasheet HTML 7Page - Texas Instruments COMBOSOLAR Datasheet HTML 8Page - Texas Instruments COMBOSOLAR Datasheet HTML 9Page - Texas Instruments COMBOSOLAR Datasheet HTML 10Page - Texas Instruments COMBOSOLAR Datasheet HTML 11Page - Texas Instruments COMBOSOLAR Datasheet HTML 12Page - Texas Instruments COMBOSOLAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS: Two-Wire Interface
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
AFE031
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TWO-WIRE TRANSMITTER
Frequency range(1)
50
kHz
Leakage input current
0
≤ VIN ≤ DVDD
–1
0.01
1
μA
(E_Tx_In, E_Tx_Clk)
Input logic levels (E_Tx_In, E_Tx_Clk)
High-level input voltage
VIH
0.7 • DVDD
V
Low-level input voltage
VIL
0.3 • DVDD
V
Output logic levels (E_Tx_Out)
VO
High-level output voltage
IOH = 3 mA
AVDD – 0.4
AVDD
V
H
Low-level output voltage
VOL
IOL = –3 mA
GND
GND + 0.4
V
TWO-WIRE RECEIVER
Gain
–4.5
dB
Frequency range
300
kHz
Max sink current
25
mA
Max source current
25
mA
Input terminal offset
Referenced to VAVDD/2
–100
10
100
mV
Input impedance
78
k
Ω
ZERO CROSSING DETECTOR
Input voltage range
AVDD – 0.4
AVDD + 0.4
V
Input current range
–10
+10
mA
Input capacitance
3
pF
Rising threshold
0.45
0.9
1.35
V
Falling threshold
0.25
0.5
0.75
V
Hysteresis
0.20
0.4
0.60
V
Jitter
50 Hz, 240 VRMS
10
ns
(1)
The two-wire transmitter circuit is tested at Tx_CLK = 10 MHz.
ELECTRICAL CHARACTERISTICS: Internal Bias Generator
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
AFE031
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REF1 (Pin 19)
Bias voltage
PA_VS/2
V
Input resistance
RI
4
k
Ω
Noise-reducing capacitor = 1 nF from
Turn-on time
20
ms
pin 19 to ground
Noise-reducing capacitor = 1 nF from
Turn-off time
20
ms
pin 19 to ground
REF2 (Pin 28)
Bias voltage
VAVDD/2
V
Input resistance
RI
4
k
Ω
Noise-reducing capacitor = 1
μF from
Turn-on time
20
ms
pin 28 to ground
Noise-reducing capacitor = 1
μF from
Turn-off time
20
ms
pin 28 to ground
Copyright © 2010–2012, Texas Instruments Incorporated
9
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com