Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 18 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 18 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 14Page - Texas Instruments COMBOSOLAR Datasheet HTML 15Page - Texas Instruments COMBOSOLAR Datasheet HTML 16Page - Texas Instruments COMBOSOLAR Datasheet HTML 17Page - Texas Instruments COMBOSOLAR Datasheet HTML 18Page - Texas Instruments COMBOSOLAR Datasheet HTML 19Page - Texas Instruments COMBOSOLAR Datasheet HTML 20Page - Texas Instruments COMBOSOLAR Datasheet HTML 21Page - Texas Instruments COMBOSOLAR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0
10 µs/div (dB)
Tx Filter CENELEC A
Tx Filter CENELEC B
G017
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0
1 µs/div (dB)
G018
0
20
40
60
80
100
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
PA Current
AVDD Current
DVDD Current
All blocks disabled
G015
0
0.5
1
1.5
2
2.5
3
5
10
15
20
25
30
35
40
45
50
RSET (kΩ)
+3
σ
Typical
−3
σ
G016
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G013
0
10
20
30
40
50
60
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
PA Current (PA Enabled)
AVDD Current (RX Mode)
AVDD Current (TX Mode)
G014
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
Rx PGA2 GAIN ERROR vs TEMPERATURE
QUIESCENT SUPPLY CURRENT vs TEMPERATURE
Figure 17.
Figure 18.
SUPPLY CURRENT (SHUTDOWN) vs TEMPERATURE
PA CURRENT LIMIT vs RSET
Figure 19.
Figure 20.
Tx Filter PULSE RESPONSE
PA PULSE RESPONSE
Figure 21.
Figure 22.
18
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com