Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMBOSOLAR Datasheet(PDF) 36 Page - Texas Instruments

Part # COMBOSOLAR
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSOLAR Datasheet(HTML) 36 Page - Texas Instruments

Back Button COMBOSOLAR Datasheet HTML 32Page - Texas Instruments COMBOSOLAR Datasheet HTML 33Page - Texas Instruments COMBOSOLAR Datasheet HTML 34Page - Texas Instruments COMBOSOLAR Datasheet HTML 35Page - Texas Instruments COMBOSOLAR Datasheet HTML 36Page - Texas Instruments COMBOSOLAR Datasheet HTML 37Page - Texas Instruments COMBOSOLAR Datasheet HTML 38Page - Texas Instruments COMBOSOLAR Datasheet HTML 39Page - Texas Instruments COMBOSOLAR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
Table 10. Gain Select Register: Address 0x02
Default: 0x32
Gain Select Register <7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
This bit is used to set the gain of the Rx PGA1.
00 = 0.25 V/V
RX1G-0,
0, 1
0, 1
R/W
01 = 0.5 V/V
RX1G-1
10 = 1 V/V
11 = 2 V/V
This bit is used to set the gain of the Rx PGA2.
00 = 1 V/V
RX2G-0,
2, 3
0, 0
R/W
01 = 4 V/V
RX2G-1
10 = 16 V/V
11 = 64 V/V
This bit is used to set the gain of the Tx PGA.
00 = 0.25 V/V
TXG-0,
4, 5
1, 1
R/W
01 = 0.5 V/V
TXG-1
10 = 0.707 V/V
11 = 1 V/V
--
6
0
--
Reserved
--
7
0
--
Reserved
Table 11. Enable2 Register: Address 0x03
Default: 0x00
Enable2 Register <7:0>
LOCATION
BIT NAME
(0 = LSB)
DEFAULT
R/W
FUNCTION
This bit is used to enable/disable the ZC Block.
ZC
0
0
R/W
0 = disabled, 1 = enabled.
This bit is used to enable/disable the REF1 Block.
REF1
1
0
R/W
0 = disabled, 1 = enabled.
This bit is used to enable/disable the REF2 Block.
REF2
2
0
R/W
0 = disabled, 1 = enabled.
This bit is used to enable/disable the PA output stage.
When the PA output stage is enabled it functions normally with a
low output impedance, capable of driving heavy loads.
PA_OUT
3
0
R/W
When the PA output stage is disabled it is placed into a high
impedance state.
0 = disabled, 1 = enabled.
--
4
0
--
Reserved
--
5
0
--
Reserved
--
6
0
--
Reserved
--
7
0
--
Reserved
36
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com