Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 33 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 33 Page - SPANSION

Back Button S25FS256S Datasheet HTML 29Page - SPANSION S25FS256S Datasheet HTML 30Page - SPANSION S25FS256S Datasheet HTML 31Page - SPANSION S25FS256S Datasheet HTML 32Page - SPANSION S25FS256S Datasheet HTML 33Page - SPANSION S25FS256S Datasheet HTML 34Page - SPANSION S25FS256S Datasheet HTML 35Page - SPANSION S25FS256S Datasheet HTML 36Page - SPANSION S25FS256S Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
33
Da ta
Shee t
(Prelim i nar y )
5.
Electrical Specifications
5.1
Absolute Maximum Ratings
Notes:
1. See Section 5.3.3, Input Signal Overshoot on page 33 for allowed maximums during signal transition.
2. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
3. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
5.2
Latch-Up Characteristics
Note:
1. Excludes power supply VDD. Test conditions: VDD = 1.8 V, one connection at a time tested, connections not being tested are at VSS.
5.3
Operating Ranges
Operating ranges define those limits between which the functionality of the device is guaranteed.
5.3.1
Power Supply Voltages
VDD ………………………………............................... 1.7V to 2.0V
5.3.2
Temperature Ranges
Industrial (I) Devices
Ambient Temperature (TA)....................................... –40°C to +85°C
Automotive (A) Infotainment Devices
Ambient Temperature (TA)....................................... –40°C to +105°C
Automotive operating and performance parameters will be determined by device characterization and may
vary from standard industrial temperature range devices as currently shown in this specification.
5.3.3
Input Signal Overshoot
During DC conditions, input or I/O signals should remain equal to or between VSS and VDD. During voltage
transitions, inputs or I/Os may overshoot VSS to -1.0V or overshoot to VDD +1.0V, for periods up to 20 ns.
Table 5.1 Absolute Maximum Ratings
Storage Temperature Plastic Packages
–65
°C to +150°C
Ambient Temperature with Power Applied
–65
°C to +125°C
VDD
–0.5 V to +2.5V
Input voltage with respect to Ground (VSS) (Note 1)
–0.5 V to VDD + 0.5V
Output Short Circuit Current (Note 2)
100 mA
Table 5.2 Latch-Up Specification
Description
Min
Max
Unit
Input voltage with respect to VSS on all input only connections
-1.0
VDD + 1.0
V
Input voltage with respect to VSS on all I/O connections
-1.0
VDD + 1.0
V
VDD Current
-100
+100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com