Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 76 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 76 Page - SPANSION

Back Button S25FS256S Datasheet HTML 72Page - SPANSION S25FS256S Datasheet HTML 73Page - SPANSION S25FS256S Datasheet HTML 74Page - SPANSION S25FS256S Datasheet HTML 75Page - SPANSION S25FS256S Datasheet HTML 76Page - SPANSION S25FS256S Datasheet HTML 77Page - SPANSION S25FS256S Datasheet HTML 78Page - SPANSION S25FS256S Datasheet HTML 79Page - SPANSION S25FS256S Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 154 page
background image
76
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
9.
Data Protection
9.1
Secure Silicon Region (OTP)
The device has a 1024 byte One-Time Program (OTP) address space that is separate from the main flash
array. The OTP area is divided into 32, individually lockable, 32-byte aligned and length regions.
The OTP memory space is intended for increased system security. OTP values can “mate” a flash
component with the system CPU/ASIC to prevent device substitution. See OTP Address Space on page 58,
OTP Program (OTPP 42h) on page 123, and OTP Read (OTPR 4Bh) on page 123.
9.1.1
Reading OTP Memory Space
The OTP Read command uses the same protocol as Fast Read. OTP Read operations outside the valid 1-kB
OTP address range will yield indeterminate data.
9.1.2
Programming OTP Memory Space
The protocol of the OTP programming command is the same as Page Program. The OTP Program command
can be issued multiple times to any given OTP address, but this address space can never be erased.
The valid address range for OTP Program is depicted in Figure 8.1, OTP Address Space on page 58. OTP
Program operations outside the valid OTP address range will be ignored, without P_ERR in SR1V set to 1.
OTP Program operations within the valid OTP address range, while FREEZE = 1, will fail with P_ERR in
SR1V set to 1. The OTP address space is not protected by the selection of an ASP Protection mode. The
Freeze bit (CR1V[0]) may be used to protect the OTP Address Space.
9.1.3
Spansion Programmed Random Number
Spansion standard practice is to program the low order 16 bytes of the OTP memory space (locations 0x0 to
0xF) with a 128-bit random number using the Linear Congruential Random Number Method. The seed value
for the algorithm is a random number concatenated with the day and time of tester insertion.
9.1.4
Lock Bytes
The LSB of each Lock byte protects the lowest address region related to the byte, the MSB protects the
highest address region related to the byte. The next higher address byte similarly protects the next higher 8
regions. The LSB bit of the lowest address Lock Byte protects the higher address 16 bytes of the lowest
address region. In other words, the LSB of location 0x10 protects all the Lock Bytes and RFU bytes in the
lowest address region from further programming. See OTP Address Space on page 58.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com