Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 69 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 69 Page - SPANSION

Back Button S25FS256S Datasheet HTML 65Page - SPANSION S25FS256S Datasheet HTML 66Page - SPANSION S25FS256S Datasheet HTML 67Page - SPANSION S25FS256S Datasheet HTML 68Page - SPANSION S25FS256S Datasheet HTML 69Page - SPANSION S25FS256S Datasheet HTML 70Page - SPANSION S25FS256S Datasheet HTML 71Page - SPANSION S25FS256S Datasheet HTML 72Page - SPANSION S25FS256S Datasheet HTML 73Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
69
Da ta
Shee t
(Prelim i nar y )
8.6.5
Configuration Register 3
Configuration Register 3 controls certain command behaviors. The register bits can be read and changed
using the Read Any Register and Write Any Register commands. The non-volatile register provides the POR,
hardware reset, or software reset state of the controls. These configuration bits are OTP and may be
programmed to their opposite state one time during system configuration if needed. The volatile version of
Configuration Register 3 allows the configuration to be changed during system operation or testing.
8.6.5.1
Configuration Register 3 Non-Volatile (CR3NV)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h).
Blank Check Non-Volatile CR3NV[5]: This bit controls the POR, hardware reset, or software reset state of
the blank check during erase feature.
02h Non-Volatile CR3NV[4]: This bit controls the POR, hardware reset, or software reset state of the Page
Programming Buffer address wrap point.
20h Non-Volatile CR3NV[3]: This bit controls the POR, hardware reset, or software reset state of the
availability of 4-kB parameter sectors in the main flash array address map.
30h Non-Volatile CR3NV[2]: This bit controls the POR, hardware reset, or software reset state of the 30h
instruction code is used.
D8h Non-Volatile CR3NV[1]: This bit controls the POR, hardware reset, or software reset state of the
configuration for the size of the area erased by the D8h or DCh instructions.
F0h Non-Volatile CR3NV[0]: This bit controls the POR, hardware reset, or software reset state of the
availability of the Spansion legacy FL-S family software reset instruction.
Table 8.22 Configuration Register 3 Non-Volatile (CR3NV)
Bits
Field Name
Function
Type
Default
State
Description
7
RFU
Reserved
OTP
0
Reserved for Future Use.
6
RFU
Reserved
0
Reserved for Future Use.
5
BC_NV
Blank Check
0
1 = Blank Check during erase enabled.
0 = Blank Check disabled.
4
02h_NV
Page Buffer Wrap
0
1 = Wrap at 512 bytes.
0 = Wrap at 256 bytes.
3
20h_NV
4-kB Erase
0
1 = 4-kB Erase disabled (Uniform Sector Architecture).
0 = 4-kB Erase enabled (Hybrid Sector Architecture).
2
30h_NV
Clear Status /
Resume Select
0
1 = 30h is Erase or Program Resume command.
0 = 30h is clear status command.
1
D8h_NV
Block Erase Size
0
1 = 256-kB Erase.
0 = 64-kB Erase.
0
F0h_NV
Legacy Software
Reset Enable
0
1 = F0h software reset is enabled.
0 = F0h software reset is disabled (ignored).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com