Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 39 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 39 Page - SPANSION

Back Button S25FS256S Datasheet HTML 35Page - SPANSION S25FS256S Datasheet HTML 36Page - SPANSION S25FS256S Datasheet HTML 37Page - SPANSION S25FS256S Datasheet HTML 38Page - SPANSION S25FS256S Datasheet HTML 39Page - SPANSION S25FS256S Datasheet HTML 40Page - SPANSION S25FS256S Datasheet HTML 41Page - SPANSION S25FS256S Datasheet HTML 42Page - SPANSION S25FS256S Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
39
Da ta
Shee t
(Prelim i nar y )
6.3.2
IO3 / RESET# Input Initiated Hardware (Warm) Reset
The IO3 / RESET# signal functions as the RESET# input when CS# is high for more than tCS time or when
Quad Mode is not enabled CR1V[1]=0. The IO3 / RESET# input has an internal pull-up to VDD and may be
left unconnected if Quad Mode is not used. The tCS delay after CS# goes high gives the memory or host
system time to drive IO3 high after its use as a Quad Mode I/O signal while CS# was low. The internal pull-up
to VDD will then hold IO3 / RESET# high until the host system begins driving IO3 / RESET#. The
IO3 / RESET# input is ignored while CS# remains high during tCS, to avoid an unintended Reset operation. If
CS# is driven low to start a new command, IO3 / RESET# is used as IO3.
When the device is not in Quad Mode or, when CS# is high, and IO3 / RESET# transitions from VIH to VIL
for > tRP, following tCS, the device will reset register states in the same manner as Power-On Reset but, does
not go through the full reset process that is performed during POR. The hardware reset process requires a
period of tRPH to complete. If the POR process did not complete correctly for any reason during power-up
(tPU), RESET# going low will initiate the full POR process instead of the hardware reset process and will
require tPU to complete the POR process.
The RESET command is independent of the state of IO3 / RESET#. If IO3 / RESET# is high or unconnected,
and the RESET instruction is issued, the device will perform software reset.
Additional IO3 RESET# Notes:
 IO3 / RESET# must be high for t
RS following tPU or tRPH, before going low again to initiate a hardware
reset.
 When IO3 / RESET# is driven low for at least a minimum period of time (t
RP), following tCS, the device
terminates any operation in progress, makes all outputs high impedance, and ignores all read/write
commands for the duration of tRPH. The device resets the interface to standby state.
 If Quad Mode and the IO3 / RESET# feature are enabled, the host system should not drive IO3 low during
tCS, to avoid driver contention on IO3. Immediately following commands that transfer data to the host in
Quad Mode, e.g. Quad I/O Read, the memory drives IO3 / Reset high during tCS, to avoid an unintended
Reset operation. Immediately following commands that transfer data to the memory in Quad Mode, e.g.
Page Program, the host system should drive IO3 / Reset high during tCS, to avoid an unintended Reset
operation.
 If Quad Mode is not enabled, and if CS# is low at the time IO3 / RESET# is asserted low, CS# must return
high during tRPH before it can be asserted low again after tRH.
Notes:
1. IO3 / RESET# Low is ignored during power-up (tPU). If Reset# is asserted during the end of tPU, the device will remain in the reset state
and tRH will determine when CS# may go Low.
2. If Quad Mode is enabled, IO3 / RESET# Low is ignored during tCS.
3. Sum of tRP and tRH must be equal to or greater than tRPH.
Figure 6.7 Hardware Reset when Quad Mode is Not Enabled and IO3 / Reset# is Enabled
Table 6.3 Hardware Reset Parameters
Parameter
Description
Limit
Time
Unit
tRS
Reset Setup - Prior Reset end and RESET# high before RESET# low
Min
50
ns
tRPH
Reset Pulse Hold - RESET# low to CS# low
Min
35
µs
tRP
RESET# Pulse Width
Min
200
ns
tRH
Reset Hold - RESET# high before CS# low
Min
50
ns
IO3_RESET#
CS#
Any prior reset
tRS
tRP
tRH
tRH
tRPH
tRPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com