Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 87 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 87 Page - SPANSION

Back Button S25FS256S Datasheet HTML 83Page - SPANSION S25FS256S Datasheet HTML 84Page - SPANSION S25FS256S Datasheet HTML 85Page - SPANSION S25FS256S Datasheet HTML 86Page - SPANSION S25FS256S Datasheet HTML 87Page - SPANSION S25FS256S Datasheet HTML 88Page - SPANSION S25FS256S Datasheet HTML 89Page - SPANSION S25FS256S Datasheet HTML 90Page - SPANSION S25FS256S Datasheet HTML 91Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
87
Da ta
Shee t
(Prelim i nar y )
10.1
Command Set Summary
10.1.1
Extended Addressing
To accommodate addressing above 128 Mb, there are two options:
1. Instructions that always require a 4-byte address, used to access up to 32 Gb of memory:
2. A 4-byte address mode for backward compatibility to the 3-byte address instructions. The standard
3-byte instructions can be used in conjunction with a 4-byte address mode controlled by the
Address Length configuration bit (CR2V[7]). The default value of CR2V[7] is loaded from
CR2NV[7] (following power-up, hardware reset, or software reset), to enable default 3-byte (24-bit)
or 4-byte (32-bit) addressing. When the address length (CR2V[7]) set to 1, the legacy commands
are changed to require 4-bytes (32-bits) for the address field. The following instructions can be
used in conjunction with the 4-byte address mode configuration to switch from 3 bytes to 4 bytes of
address field.
Command Name
Function
Instruction (Hex)
4READ
Read
13
4FAST_READ
Read Fast
0C
4DIOR
Dual I/O Read
BC
4QIOR
Quad I/O Read
EC
4DDRQIOR
DDR Quad I/O Read
EE
4PP
Page Program
12
4P4E
Parameter 4-kB Erase
21
4SE
Erase 64/256 kB
DC
4DYBRD
DYB Read
E0
4DYBWR
DYBWR
E1
4PPBRD
PPB Read
E2
4PPBP
PPB Program
E3
Command Name
Function
Instruction (Hex)
READ
Read
03
FAST_READ
Read Fast
0B
DIOR
Dual I/O Read
BB
QIOR
Quad I/O Read
EB
DDRQIOR
DDR Quad I/O Read)
ED
PP
Page Program
02
P4E
Parameter 4-kB Erase
20
SE
Erase 64 / 256 kB
D8
RDAR
Read Any Register
65
WRAR
Write Any Register
71
EES
Evaluate Erase Status
D0
OTPP
OTP Program
42
OTPR
OTP Read
4B
DYBRD
DYB Read
FA
DYBWR
DYBWR
FB
PPBRD
PPB Read
FC
PPBP
PPB Program
FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com