Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 82 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 82 Page - SPANSION

Back Button S25FS256S Datasheet HTML 78Page - SPANSION S25FS256S Datasheet HTML 79Page - SPANSION S25FS256S Datasheet HTML 80Page - SPANSION S25FS256S Datasheet HTML 81Page - SPANSION S25FS256S Datasheet HTML 82Page - SPANSION S25FS256S Datasheet HTML 83Page - SPANSION S25FS256S Datasheet HTML 84Page - SPANSION S25FS256S Datasheet HTML 85Page - SPANSION S25FS256S Datasheet HTML 86Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 154 page
background image
82
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
9.4.2
Persistent Protection Bits
The Persistent Protection Bits (PPB) are located in a separate non-volatile flash array. One of the PPB bits is
related to each sector. When a PPB is 0, its related sector is protected from program and erase operations.
The PPB are programmed individually but must be erased as a group, similar to the way individual words may
be programmed in the main array but an entire sector must be erased at the same time. The PPB have the
same program and erase endurance as the main flash memory array. Preprogramming and verification prior
to erasure are handled by the device.
Programming a PPB bit requires the typical page programming time. Erasing all the PPBs requires typical
Sector Erase time. During PPB bit programming and PPB bit erasing, status is available by reading the Status
Register. Reading of a PPB bit requires the initial access time of the device.
Notes:
1. Each PPB is individually programmed to 0 and all are erased to 1 in parallel.
2. If the PPB Lock bit is 0, the PPB Program or PPB Erase command does not execute and fails
without programming or erasing the PPB.
3. The state of the PPB for a given sector can be verified by using the PPB Read command.
9.4.3
Dynamic Protection Bits
Dynamic Protection Bits are volatile and unique for each sector and can be individually modified. DYB only
control the protection for sectors that have their PPB set to 1. By issuing the DYB Write command, a DYB is
cleared to 0 or set to 1, thus placing each sector in the protected or unprotected state respectively. This
feature allows software to easily protect sectors against inadvertent changes, yet does not prevent the easy
removal of protection when changes are needed. The DYBs can be set or cleared as often as needed as they
are volatile bits.
9.4.4
PPB Lock Bit (PPBL[0])
The PPB Lock Bit is a volatile bit for protecting all PPB bits. When cleared to 0, it locks all PPBs, when set to
1, it allows the PPBs to be changed. See Section 8.6.9, PPB Lock Register (PPBL) on page 74 for more
information.
The PLBWR command is used to clear the PPB Lock bit to 0. The PPB Lock Bit must be cleared to 0 only
after all the PPBs are configured to the desired settings.
In Persistent Protection mode, the PPB Lock is set to 1 during POR or a hardware reset. When cleared to 0,
no software command sequence can set the PPB Lock bit to 1, only another hardware reset or power-up can
set the PPB Lock bit.
In the Password Protection mode, the PPB Lock bit is cleared to 0 during POR or a hardware reset. The PPB
Lock bit can only be set to 1 by the Password Unlock command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com