Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 67 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 67 Page - SPANSION

Back Button S25FS256S Datasheet HTML 63Page - SPANSION S25FS256S Datasheet HTML 64Page - SPANSION S25FS256S Datasheet HTML 65Page - SPANSION S25FS256S Datasheet HTML 66Page - SPANSION S25FS256S Datasheet HTML 67Page - SPANSION S25FS256S Datasheet HTML 68Page - SPANSION S25FS256S Datasheet HTML 69Page - SPANSION S25FS256S Datasheet HTML 70Page - SPANSION S25FS256S Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
67
Da ta
Shee t
(Prelim i nar y )
Read Latency Non-Volatile CR2NV[3:0]: This bit controls the POR, hardware reset, or software reset state
of the Read Latency (dummy cycle) delay in all variable latency read commands. The following read
commands have a variable latency period between the end of address or mode and the beginning of read
data returning to the host:
 Fast Read
 Dual I/O Read
 Quad I/O Read
 DDR Quad I/O Read
 OTPR
 RDAR
This Non-Volatile Read Latency configuration bit sets the number of read latency (dummy cycles) in use so
the device can start immediately (boot) with an appropriate read latency for the host system.
Notes:
1. SCK frequency > 133 MHz SDR, or 80 MHz DDR is not supported by this family of devices.
2. The Dual I/O, Quad I/O, QPI, DDR Quad I/O, and DDR QPI, command protocols include Continuous Read mode bits following the
address. The clock cycles for these bits are not counted as part of the latency cycles shown in the table. Example: the legacy
Quad I/O command has 2 Continuous Read mode cycles following the address. Therefore, the legacy Quad I/O command without
additional read latency is supported only up to the frequency shown in the table for a read latency of 0 cycles. By increasing the variable
read latency the frequency of the Quad I/O command can be increased to allow operation up to the maximum supported 133 MHz
frequency.
3. Other read commands have fixed latency, e.g. Read always has zero read latency. RSFDP always has eight cycles of latency.
4. DDR QPI is only supported for Latency Cycles 1 through 5 and for clock frequency of up to 68 MHz.
Table 8.20 Latency Code (Cycles) Versus Frequency
Latency
Cycles
Read Command Maximum Frequency (MHz)
Fast Read (1-1-1)
OTPR (1-1-1)
RDAR (1-1-1)
RDAR (4-4-4)
Dual I/O (1-2-2)
Quad I/O (1-4-4)
QPI (4-4-4)
DDR Quad I/O (1-4-4)
DDR QPI (4-4-4) (Note 4)
Mode Cycles = 0
Mode Cycles = 4
Mode Cycles = 2
Mode Cycles = 1
0
508040
N/A
1
66925322
2
80
104
66
34
3
92
116
80
45
4
104
129
92
57
5
116
133
104
68
6
129
133
116
80
7
133
133
129
80
8
133
133
133
80
9
133
133
133
80
10
133
133
133
80
11
133
133
133
80
12
133
133
133
80
13
133
133
133
80
14
133
133
133
80
15
133
133
133
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com