Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256S Datasheet(PDF) 91 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 91 Page - SPANSION

Back Button S25FS256S Datasheet HTML 87Page - SPANSION S25FS256S Datasheet HTML 88Page - SPANSION S25FS256S Datasheet HTML 89Page - SPANSION S25FS256S Datasheet HTML 90Page - SPANSION S25FS256S Datasheet HTML 91Page - SPANSION S25FS256S Datasheet HTML 92Page - SPANSION S25FS256S Datasheet HTML 93Page - SPANSION S25FS256S Datasheet HTML 94Page - SPANSION S25FS256S Datasheet HTML 95Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
91
Da ta
Shee t
(Prelim i nar y )
10.1.8
OTP, Block Protection, and Advanced Sector Protection
There are commands to read and program a separate One-Time Programmable (OTP) array for permanent
data such as a serial number. There are commands to control a contiguous group (block) of flash memory
array sectors that are protected from program and erase operations. There are commands to control which
individual flash memory array sectors are protected from program and erase operations.
10.1.9
Reset
There are commands to reset to the default conditions present after power-on to the device. However, the
software reset commands do not affect the current state of the FREEZE or PPB Lock bits. In all other
respects a software reset is the same as a hardware reset.
There is a command to reset (exit from) the Continuous Read mode.
10.1.10
Reserved
Some instructions are reserved for future use. In this generation of the S25FS-S family some of these
command instructions may be unused and not affect device operation, some may have undefined results.
Some commands are reserved to ensure that a legacy or alternate source device command is allowed
without effect. This allows legacy software to issue some commands that are not relevant for the current
generation S25FS-S family with the assurance these commands do not cause some unexpected action.
Some commands are reserved for use in special versions of the FS-S not addressed by this document or for
a future generation. This allows new host memory controller designs to plan the flexibility to issue these
command instructions. The command format is defined if known at the time this document revision is
published.
10.2
Identification Commands
10.2.1
Read Identification (RDID 9Fh)
The Read Identification (RDID) command provides read access to manufacturer identification, device
identification, and Common Flash Interface (CFI) information. The manufacturer identification is assigned by
JEDEC. The CFI structure is defined by JEDEC standard. The device identification and CFI values are
assigned by Spansion.
The JEDEC Common Flash Interface (CFI) specification defines a device information structure, which allows
a vendor-specified software flash management program (driver) to be used for entire families of flash devices.
Software support can then be device-independent, JEDEC manufacturer ID independent, forward and
backward-compatible for the specified flash device families. System vendors can standardize their flash
drivers for long-term software compatibility by using the CFI values to configure a family driver from the CFI
information of the device in use.
Any RDID command issued while a program, erase, or write cycle is in progress is ignored and has no effect
on execution of the program, erase, or write cycle that is in progress.
The RDID instruction is shifted on SI. After the last bit of the RDID instruction is shifted into the device, a byte
of manufacturer identification, two bytes of device identification, extended device identification, and CFI
information will be shifted sequentially out on SO. As a whole this information is referred to as ID-CFI. See
Device ID and Common Flash Interface (ID-CFI) Address Map on page 143 for the detail description of the
ID-CFI contents.
Continued shifting of output beyond the end of the defined ID-CFI address space will provide undefined data.
The RDID command sequence is terminated by driving CS# to the logic high state anytime during data
output.
The maximum clock frequency for the RDID command is 133 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com